Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR17-21C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # SIR17-21C
Description  Infrared Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR17-21C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button SIR17-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 6 of 10
Device No:DTS-172-001
Prepared date:07-20-2005
Prepared by:Jaine Tsai
SIR17-21C/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - SIR17-21C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR170DP VISHAY-SIR170DP Datasheet
268Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIR170DP-T1-RE3 VISHAY-SIR170DP-T1-RE3 Datasheet
268Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIR172ADP TFUNK-SIR172ADP Datasheet
328Kb / 13P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIR172ADP VISHAY-SIR172ADP Datasheet
332Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev.B, 27-Aug-12
SIR172ADP VISHAY-SIR172ADP Datasheet
329Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR17-21C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
IR17-21C A-BRIGHT-IR17-21C Datasheet
325Kb / 5P
   Chip Infrared LED
2006/9/28
logo
KODENSHI_AUK CORP.
OPA9425AL KODENSHI-OPA9425AL Datasheet
100Kb / 1P
   Infrared LED Chip
OPA9441F KODENSHI-OPA9441F Datasheet
97Kb / 1P
   Infrared LED Chip
OPA9454 KODENSHI-OPA9454 Datasheet
95Kb / 1P
   Infrared LED Chip
OPA7740EDD KODENSHI-OPA7740EDD Datasheet
103Kb / 1P
   Infrared LED Chip
OPA8328H KODENSHI-OPA8328H Datasheet
105Kb / 1P
   Infrared LED Chip
OPA8525HP KODENSHI-OPA8525HP Datasheet
98Kb / 1P
   Infrared LED Chip
OPA8535H(A) KODENSHI-OPA8535H(A) Datasheet
100Kb / 1P
   Infrared LED Chip
OPA8537RC KODENSHI-OPA8537RC Datasheet
121Kb / 1P
   Infrared LED Chip
OPA8709 KODENSHI-OPA8709 Datasheet
99Kb / 1P
   Infrared LED Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com