Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR17-21C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # SIR17-21C
Description  Infrared Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SIR17-21C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  SIR17-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd SIR17-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 3 of 10
Device No:DTS-172-001
Prepared date:07-20-2005
Prepared by:Jaine Tsai
SIR17-21C/TR8
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
IF=20mA
0.2
0.8
--
Radiant Intensity
Ie
IF=100mA
Pulse Width≦100μs ,Duty≦1%
--
4.0
--
mW /sr
Peak Wavelength
λp
IF=20mA
--
875
--
nm
Spectral
Bandwidth
Δλ
IF=20mA
--
80
--
nm
IF=20mA
--
1.3
1.6
Forward Voltage
VF
IF=100mA
Pulse Width≦100μs ,Duty≦1%
--
1.4
1.8
V
Reverse Current
IR
VR=5V
--
--
10
μA
View Angle
2θ1/2
IF=20mA
--
150
--
deg


Similar Part No. - SIR17-21C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR170DP VISHAY-SIR170DP Datasheet
268Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIR170DP-T1-RE3 VISHAY-SIR170DP-T1-RE3 Datasheet
268Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIR172ADP TFUNK-SIR172ADP Datasheet
328Kb / 13P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIR172ADP VISHAY-SIR172ADP Datasheet
332Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev.B, 27-Aug-12
SIR172ADP VISHAY-SIR172ADP Datasheet
329Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR17-21C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
IR17-21C A-BRIGHT-IR17-21C Datasheet
325Kb / 5P
   Chip Infrared LED
2006/9/28
logo
KODENSHI_AUK CORP.
OPA9425AL KODENSHI-OPA9425AL Datasheet
100Kb / 1P
   Infrared LED Chip
OPA9441F KODENSHI-OPA9441F Datasheet
97Kb / 1P
   Infrared LED Chip
OPA9454 KODENSHI-OPA9454 Datasheet
95Kb / 1P
   Infrared LED Chip
OPA7740EDD KODENSHI-OPA7740EDD Datasheet
103Kb / 1P
   Infrared LED Chip
OPA8328H KODENSHI-OPA8328H Datasheet
105Kb / 1P
   Infrared LED Chip
OPA8525HP KODENSHI-OPA8525HP Datasheet
98Kb / 1P
   Infrared LED Chip
OPA8535H(A) KODENSHI-OPA8535H(A) Datasheet
100Kb / 1P
   Infrared LED Chip
OPA8537RC KODENSHI-OPA8537RC Datasheet
121Kb / 1P
   Infrared LED Chip
OPA8709 KODENSHI-OPA8709 Datasheet
99Kb / 1P
   Infrared LED Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com