Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ621GB-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ621GB-X009
Description  Optocoupler, Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ621GB-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ621GB-X009 Datasheet HTML 1Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 2Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 3Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 4Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 5Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 6Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 7Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 8Page - Vishay Siliconix ILQ621GB-X009 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 83654
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
5
ILD621/ILD621GB/ILQ621/ILQ621GB
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
Fig. 5 - Maximum LED Current vs. Ambient Temperature
Fig. 6 - Maximum LED Power Dissipation
Fig. 7 - Forward Voltage vs. Forward Current
Fig. 8 - Collector Emitter Current vs. Temperature and LED Current
Fig. 9 - Collector Emitter Leakage vs. Temperature
Fig. 10 - Propagation Delay vs. Collector Load Resistor
- 60 - 40
- 20
0
20
40
60
80
100
120
100
80
60
40
0
20
T
amb - Ambient Temperature (°C)
T
J (max.) = 100 °C
iild621_05
iild621_06
- 60 - 40 - 20
20
40
60
80
100
200
100
0
50
T
amb - Ambient Temperature (°C)
150
0
iild621_07
IF - Forward Current (mA)
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
TA = 85 °C
TA = 85 °C
TA = 85 °C
iild621_08
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
IF - LED Current (mA)
25 °C
40
iild621_09
100
80
60
40
20
0
- 20
10
10
10
10
10
10
10
10
- 2
- 1
0
1
2
3
4
5
T
amb - Ambient Temperature (°C)
VCE = 10 V
Typical
iild621_10
RL - Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tPLH
IF = 10 mA
VCC = 5 V, Vth = 1.5 V
tPHL


Similar Part No. - ILQ621GB-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ621GB-X009 VISHAY-ILQ621GB-X009 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILQ621GB-X009 VISHAY-ILQ621GB-X009 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ621GB-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com