Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3505MTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3505MTRPBF
Description  XPHASE3TM PHASE IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3505MTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3505MTRPBF Datasheet HTML 1Page - International Rectifier IR3505MTRPBF Datasheet HTML 2Page - International Rectifier IR3505MTRPBF Datasheet HTML 3Page - International Rectifier IR3505MTRPBF Datasheet HTML 4Page - International Rectifier IR3505MTRPBF Datasheet HTML 5Page - International Rectifier IR3505MTRPBF Datasheet HTML 6Page - International Rectifier IR3505MTRPBF Datasheet HTML 7Page - International Rectifier IR3505MTRPBF Datasheet HTML 8Page - International Rectifier IR3505MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IR3505
Page 1 of 19
Mar 04
th, 2008
DATA SHEET
XPHASE3
TM PHASE IC
DESCRIPTION
The IR3505 Phase IC combined with an IR XPhase3
TM Control IC provides a full featured and flexible way to
implement power solutions for the latest high performance CPUs and ASICs. The “Control” IC provides
overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single
phase of a multiphase converter. The XPhase3
TM architecture results in a power supply that is smaller, less
expensive, and easier to design while providing higher efficiency than conventional approaches.
FEATURES
7V/2A gate drivers (4A GATEL sink current)
Support converter output voltage up to 5.1 V (Limited to VCCL-1.4V)
Support loss-less inductor current sensing
Feed-forward voltage mode control
Integrated boot-strap synchronous PFET
Only four IC related external components per phase
3 wire analog bus connects Control and Phase ICs (VDAC, Error Amp, ISHARE)
3 wire digital bus for accurate daisy-chain phase timing control without external components
Debugging function isolates phase IC from the converter
Self-calibration of PWM ramp, current sense amplifier, and current share amplifier
Single-wire bidirectional average current sharing
Small thermally enhanced 16L 3 x 3mm MLPQ package
RoHS compliant
APPLICATION CIRCUIT
CCS
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
CVCCL
CBST
RCS
CIN
L
VOUT+
VOUT-
VCCL
12V
COUT
6 Wire
Bus to
Control
IC


Similar Part No. - IR3505MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3505ZMPBF IRF-IR3505ZMPBF Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3505ZMTRPBF IRF-IR3505ZMTRPBF Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
More results

Similar Description - IR3505MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3508 IRF-IR3508 Datasheet
1Mb / 19P
   XPHASE3TM PHASE IC
IR3508Z IRF-IR3508Z Datasheet
454Kb / 19P
   XPHASE3TM PHASE IC
IR3507 IRF-IR3507 Datasheet
356Kb / 19P
   XPHASE3TM PHASE IC
IR3529 IRF-IR3529 Datasheet
451Kb / 22P
   XPHASE3TM PHASE IC
IR3507PBF IRF-IR3507PBF Datasheet
504Kb / 19P
   XPHASE3TM PHASE IC
IR3505Z IRF-IR3505Z Datasheet
486Kb / 20P
   XPHASE3TM PHASE IC
IR3507Z IRF-IR3507Z Datasheet
475Kb / 19P
   XPHASE3TM PHASE IC
IR3527 IRF-IR3527 Datasheet
2Mb / 20P
   XPHASE3TM DUAL PHASE IC
IR3506 IRF-IR3506 Datasheet
366Kb / 21P
   XPHASE3TM DDR & VTT PHASE IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com