Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZX9699TS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZX9699TS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9699TS Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZX9699TS Datasheet HTML 1Page - Diodes Incorporated DDZX9699TS Datasheet HTML 2Page - Diodes Incorporated DDZX9699TS Datasheet HTML 3Page - Diodes Incorporated DDZX9699TS Datasheet HTML 4Page - Diodes Incorporated DDZX9699TS Datasheet HTML 5Page - Diodes Incorporated DDZX9699TS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
@TA = 25°C unless otherwise specified
Table 1
Zener Voltage Range (Note 3)
Maximum Reverse
Leakage Current (Note 4)
VZ @ IZT
IZT
IR @ VR
Type
Number
Type
Code
Nom (V)
Min (V)
Max (V)
μA
μA
V
DDZX9688TS
HG
4.7
4.47
4.94
50
5
3
DDZX9689TS
HH
5.1
4.85
5.36
50
5
3
DDZX9690TS
HJ
5.6
5.32
5.88
50
2
4
DDZX9691TS
HK
6.2
5.89
6.51
50
1
5
DDZX9692TS
HL
6.8
6.46
7.14
50
0.1
5.1
DDZX9693TS
HM
7.5
7.13
7.88
50
0.1
5.7
DDZX9694TS
HN
8.2
7.79
8.61
50
0.1
6.2
DDZX9696TS
HP
9.1
8.65
9.56
50
0.1
6.9
DDZX9697TS
HQ
10
9.50
10.50
50
0.1
7.6
DDZX9698TS
HR
11
10.45
11.55
50
0.05
8.4
DDZX9699TS
HS
12
11.40
12.60
50
0.05
9.1
DDZX9700TS
HT
13
12.35
13.65
50
0.05
9.8
DDZX9701TS
HU
14
13.30
14.70
50
0.05
10.6
DDZX9702TS
HV
15
14.25
15.75
50
0.05
11.4
DDZX9703TS
HW
16
15.20
16.80
50
0.05
12.1
DDZX9705TS
HY
18
17.10
18.90
50
0.05
13.6
DDZX9707TS
MD
20
19.00
21.00
50
0.05
15.2
DDZX9708TS
ME
22
20.90
23.10
50
0.05
16.7
DDZX9709TS
MF
24
22.80
25.20
50
0.05
18.2
DDZX9711TS
MH
27
25.65
28.35
50
0.05
20.4
DDZX9712TS
MJ
28
26.60
29.40
50
0.05
21.2
DDZX9713TS
MK
30
28.50
31.50
50
0.05
22.8
DDZX9714TS
ML
33
31.35
34.65
50
0.05
25.0
DDZX9715TS
MM
36
34.20
37.80
50
0.05
27.3
DDZX9716TS
MN
39
37.05
40.95
50
0.05
29.6
Notes:
3. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30°C ±1°C.
4. Short duration pulse test used to minimize self-heating effect.
0
40
80
120
160
200
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
°
240
Note 1
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
10
1.0
0.1
0.01
1,000
DS30412 Rev. 5 - 2
2 of 6
www.diodes.com
DDZX9688TS - DDZX9716TS
© Diodes Incorporated


Similar Part No. - DDZX9699TS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX9699TS DIODES-DDZX9699TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX9699TS-7 DIODES-DDZX9699TS-7 Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
More results

Similar Description - DDZX9699TS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com