Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4141 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4141
Description  NICAM/A2/EIA-J Digital Stereo Decoder
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4141 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4141 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4141 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
[AK4141]
MS0952-J-03
2013/12
- 7 -
オーディオ特性
(Ta=25C; AVDD=3.3V, DVDD=1.8V, TVDD=3.3V; GND1=GND2=GND3=GND4=GND5=0V; fs=48kHz;
SCLK=64fs; Signal Frequency=1kHz; 24bit Data; Measurement frequency=50Hz  13kHz; unless otherwise specified)
SIF & Demodulator Parameter
min
typ
max
Unit
SIF Input Impedance
GSEL bit = 0
GSEL bit = 1
4.05
5.09
4.50
5.66
kohm
kohm
SIF Separation (Note 3)
30
50
dB
AGC step width
0.64
dB
Input Voltage
1 or 2 FM Carriers
GSEL bit = “0”
GSEL bit = “1”
1 FM and 1 NICAM Carrier
GSEL bit = “0”
GSEL bit = “1”
1 AM and 1 NICAM Carrier
GSEL bit = “0”
GSEL bit = “1”
1 NICAM Only
GSEL bit = “0”
GSEL bit = “1”
0.1
0.1
0.1
0.1
0.1
0.1
0.05
0.05
1.4
1.0
1.4
1.0
0.8
0.8
1.0
1.0
Vpp
Vpp
Vpp
Vpp
Vpp
Vpp
Vpp
Vpp
Max FM-deviation (approx.)
Normal
High deviation
Very High Deviation
+/-180
+/-360
+/-540
kHz
kHz
kHz
NICAM Characteristics
min
typ
max
Units
Output level (1kHz, 0dBr)
-1.5
+1.5
dB
S/N
74
80
dB
THD+N
0.05
0.15
%
NICAM Bit Error Rate (FM+ NICAM, normal condition)
1
10
-7
Frequency response (20 ~ 15kHz, -12dB, dual)
-1
+1
dB
NICAM Crosstalk attenuation (dual)
80
dB
Channel separation (stereo)
80
dB
FM Characteristics (Note 4)
min
typ
max
Units
Output level (1kHz, 0dBr)
-1.5
+1.5
dB
S/N
67
73
dB
THD+N
0.1
0.3
%
Frequency response (20 ~ 12kHz, -12dB, dual)
-1
+1
dB
FM Crosstalk attenuation (dual)
75
85
dB
Channel separation (stereo)
30
40
dB
AM Characteristics
min
typ
max
Units
S/N
47
62
dB
THD+N
1.2
3
%
Frequency response (20 ~ 12kHz, -12dB, dual)
-2.5
+1
dB
Note 3. Selected SIF pin is connected to GND through 10nF capacitor.
Note 4. 1 FM-Carrier, 5.5MHz.


Similar Part No. - AK4141

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
More results

Similar Description - AK4141

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
   NICAM/A2/EIA-J
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
STV8247 STMICROELECTRONICS-STV8247 Datasheet
2Mb / 149P
   Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
TDA8204B STMICROELECTRONICS-TDA8204B Datasheet
227Kb / 12P
   NICAM DECODER
November 1994
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404_08 Datasheet
365Kb / 11P
   NICAM 728 - Stereo Encoder
logo
STMicroelectronics
TDA7338 STMICROELECTRONICS-TDA7338_05 Datasheet
543Kb / 12P
   STEREO DECODER
TDA7338 STMICROELECTRONICS-TDA7338 Datasheet
103Kb / 11P
   STEREO DECODER
December 1996
logo
List of Unclassifed Man...
TCA4500A ETC-TCA4500A Datasheet
129Kb / 4P
   STEREO DECODER
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com