Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-4005SYGWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELS-4005SYGWA
Description  4.0 Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-4005SYGWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELS-4005SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-4005SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-4005SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-4005SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-4005SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-4005SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
4.0" Single Digit Displays
ELS-4005SYGWA/S530-E2
█ Packing Quantity Specification
1.2PCS/tube, 3 tubes/box
2.10Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 6 of 6
Device Number :CDDS-400-024
Prepared date:2005/8/15
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
S4005SYGWA/S530-E2
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com


Similar Part No. - ELS-4005SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-4005SYGWA-S530-E2 EVERLIGHT-ELS-4005SYGWA-S530-E2 Datasheet
126Kb / 6P
   4.0" Single Digit Displays
More results

Similar Description - ELS-4005SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-4005USOWA EVERLIGHT-ELS-4005USOWA Datasheet
121Kb / 6P
   4.0 Single Digit Displays
ELS-4005SYGWA-S530-E2 EVERLIGHT-ELS-4005SYGWA-S530-E2 Datasheet
126Kb / 6P
   4.0" Single Digit Displays
ELS-4006USOWA EVERLIGHT-ELS-4006USOWA Datasheet
123Kb / 6P
   4.0 Single Digit Displays
ELS-4006USOWA-S530-A4 EVERLIGHT-ELS-4006USOWA-S530-A4 Datasheet
149Kb / 6P
   4.0" Single Digit Displays
ELS-4006SYGWA EVERLIGHT-ELS-4006SYGWA Datasheet
121Kb / 6P
   4.0 Single Digit Displays
ELS-4006SURWA-S530-A3 EVERLIGHT-ELS-4006SURWA-S530-A3 Datasheet
136Kb / 7P
   4.0" Single Digit Displays
ELS-4005USOWA-S530-A3 EVERLIGHT-ELS-4005USOWA-S530-A3 Datasheet
127Kb / 6P
   4.0" Single Digit Displays
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com