Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D269 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # D269
Description  Control/Communicators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D269 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  D269 Datasheet HTML 1Page - List of Unclassifed Manufacturers D269 Datasheet HTML 2Page - List of Unclassifed Manufacturers D269 Datasheet HTML 3Page - List of Unclassifed Manufacturers D269 Datasheet HTML 4Page - List of Unclassifed Manufacturers D269 Datasheet HTML 5Page - List of Unclassifed Manufacturers D269 Datasheet HTML 6Page - List of Unclassifed Manufacturers D269 Datasheet HTML 7Page - List of Unclassifed Manufacturers D269 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
D9412G/D7412G
D9412G/D7412G Specifications
47487B
Page 5
© 2001 Radionics
Accessories/Ordering Information
Model
Description
Command Centers, Keypads and Accessories:
D1255
Command Center
D1256
Fire Alarm Command Center
D1257
Fire Alarm Annunciator
D720
8 Point LED Area Command Center
D268
Independent Point Control Module
D269
Independent Point Control Keypad
D279
Independent Point Control
D54B
Command Center Flush Mount Kit, Brass
D54C
Command Center Flush Mount Kit, Stainless
D55
Command Center Desk Stand
D56
Command Center Surface Mnt. Conduit Box
Zone Expansion and Interface Modules:
D8125
POPEX Module
D9127U/T
POPIT Module, U=No Tamper /
T= Tamper
D8128C
OctoPOPIT Module
D940
Super Loop Module
D8129
OctoRelay Module
D127
Reversing Relay
D136
Plug-in Relay
D8121A
Derived Channel S.T.U. Non UL
D8122
Derived Channel S.T.U. UL Listed
D9131A
Parallel Printer Interface Module
D9210B
Access Control Interface Module
Detection Devices with Built-in POPIT:
ZX835
PIR/Microwave Detector, 35 x 35 ft.
(10.7 x 10.7 m)
ZX970
PIR/Microwave Detector, 60 x 60 ft.
(18.3 x 18.3 m)
ZX935Z
PIR Detector, 35 x 35 ft. (10.7 x 10.7 m)
ZX776Z
PIR Detector, 50 x 50 ft. (15 x 15 m)
ZX794
PIR Detector, 90 x 90 ft. (27 x 27 m)
ZX938Z
PIR Detector, Ceiling Mount, 360° x 60 ft.
(18 m)
D278S
Smoke Detector Base 12 VDC
D298M
Smoke Detector Base, Master, 24 VDC
D298S
Smoke Detector Base, 24 VDC
Model
Description
Fire Alarm Modules and Accessories:
D125B
Dual Class B Powered Loop Interface Module
D129
Dual Class A Initiation Circuit Module
D130
Auxiliary Relay Module, 12/24 VDC
D184
Auxiliary Local Energy Interface Kit
D185
Reverse Polarity Interface Module
D192C
N.A.C. Module, Class B, 12/24 VDC, 1.8-amp
D192D
N.A.C. Module, Class A/B, 12/24 VDC, 3-amp
D928
Dual Phone Line Switcher
D8130
Release Module
Power Supplies, Transformers, Batteries &
Accessories:
D9142F
Auxiliary Power Supply, 24 VDC, 4-amp
D8132
Battery Charger Module, 12 VDC
D1640
16.5 VAC 40 VA Transformer
D113
Battery Lead Supervision Module
D122/L
Dual Battery Harness/Long Leads
D126
Battery, 12 V, 7.5 Ah
D1218
Battery, 12 V, 17.2 Ah
Enclosures, Brackets, and Phone Cords:
D8103
Universal Enclosure
D8109
Fire Enclosure
D8108A
Attack Resistant Enclosure
D8004
Transformer Enclosure
D137
Module Mounting Bracket
D101
Lock and Key for D8103
D161/162
Dual Mod. Telephone Phone Cord, 7 ft.
(2.1 m) / 2 ft. (61 cm)
Programming Products:
D5200
Hand-held Programmer
D5500-
####*
Remote Account Manager, RAM IV
D5500-
####*-
LTE
RAM IV Lite
* #### represents the version number of the software.
Order Processing has the latest revision information.


Similar Part No. - D269

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D2601N EUPEC-D2601N Datasheet
234Kb / 8P
   Rectifier Diode
logo
Infineon Technologies A...
D2601N INFINEON-D2601N Datasheet
255Kb / 9P
   Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 9.1
logo
eupec GmbH
D2601NH EUPEC-D2601NH Datasheet
199Kb / 6P
   Pulse Power Diode
logo
Toshiba Semiconductor
D2604 TOSHIBA-D2604 Datasheet
141Kb / 5P
   Silicon NPN Triple Diffused Type (Darlington)
logo
SHANTOU HUASHAN ELECTRO...
D260AG-00 HUASHAN-D260AG-00 Datasheet
31Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - D269

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
   Torque Control (FOC), Velocity Control, Position Control
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
   Tone Control/Volume Control
M61503FP RENESAS-M61503FP Datasheet
157Kb / 14P
   Tone Control/Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com