Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTX-95 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # CTX-95
Description  City Tie Expander
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CTX-95 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CTX-95 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CTX-95 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2042 Rev. A page 2 of 2
www.gamewell-fci.com
Engineer’s Specifications
The contractor shall furnish and install an electronic
addressable reverse polarity transmitter. It shall connect to
the FACP via a three-wire SLC circuit. It shall be fully pro-
grammable and supervised with a LED to indicate activa-
tion. It shall be Gamewell-FCI CTX-95.
Specifications
Input Power:
24 VDC from three-wire analog
circuit.
Quiescent Current:
0.002 A
Alarm Current:
0.02 A
Operating
Temperature:
0° C to 49° C (32° F to 120° F)
Relative Humidity:
85% non-condensing
Housing
Requirements:
4.6888”
(11.908 cm) backbox
Output Rating:
0.015 A maximum
Ordering Information
Model
Description
CTX-95
City tie expander provides one reverse
polarity city connection for addressable loop.
XP95 protocol compatible.
70839
Trim ring for flush-mounting CTX-95.


Similar Part No. - CTX-95

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CTX-95 GAMEWELL-FCI-CTX-95 Datasheet
83Kb / 2P
   City tie expander provides one reverse polarity city connextion for addressable loop
More results

Similar Description - CTX-95

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CTX-95 GAMEWELL-FCI-CTX-95 Datasheet
83Kb / 2P
   City tie expander provides one reverse polarity city connextion for addressable loop
logo
Festo Corporation.
195718 FESTO-195718 Datasheet
58Kb / 1P
   Tie rod
7/21/22
195720 FESTO-195720 Datasheet
57Kb / 1P
   Tie rod
7/21/22
195732 FESTO-195732 Datasheet
58Kb / 1P
   Tie rod
7/21/22
logo
List of Unclassifed Man...
HC102 ETC2-HC102 Datasheet
92Kb / 1P
   Tie Mount
logo
Festo Corporation.
195724 FESTO-195724 Datasheet
57Kb / 1P
   Tie rod
7/21/22
195726 FESTO-195726 Datasheet
57Kb / 1P
   Tie rod
7/21/22
195730 FESTO-195730 Datasheet
58Kb / 1P
   Tie rod
7/21/22
logo
PANDUIT CORP.
TM3S8 PANDUIT-TM3S8 Datasheet
67Kb / 1P
   TIE MOUNT
logo
Festo Corporation.
195736 FESTO-195736 Datasheet
58Kb / 1P
   Tie rod
7/21/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com