Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS0101BA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS0101BA
Description  SENSITIVE GATE SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS0101BA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS0101BA Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0101BA Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0101BA Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0101BA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb - 01
FS01...A/B
SENSITIVE GATE SCR
5.0
Ih(Rgk)
Fig. 9: Relative variation of holding
current versus gate-cathode resistance
(typical values).
1.0E+00
Ih(Rgk = 1k
Ω)
1.0
0.1
Tj = 25 ºC
Rgk (
Ω)
1.0E+01 1.0E+02 1.0E+03 1.0E+04 1.0E+05 1.0E+06
0 0.5
10
1
0.1
1 1.5 2 2.5 3 3.5
Fig. 8: On-state characteristics (maximum
values).
ITM(A)
4 4.5 5 5.5
Tj max
Vto = 0.95 V
Rt = 0.600
VTM(V)
Tj max
Tj initial
25 ºC
1
100
10
1
0.1
10
ITSM(A). I2t (A2s)
Fig. 7: Non repetitive surge peak on-state
current for a sinusoidal pulse with width:
tp
≤ 10 ms, and corresponding value of I2t.
Tj initial = 25 ºC
tp(ms)
I2 t
ITSM
PACKAGE MECHANICAL DATA
TO92 (Plastic)
A
B
C
D
E
F
G
H
a
b
REF.
DIMENSIONS
Milimeters
Min.
Typ.
Max.
Marking: type number
Weight: 0.2 g
PACKAGE MECHANICAL DATA
RD26 (Plastic)
-
4.55
2.42
1.15
4.55
12.7
3.55
-
0.38
0.33
1.5
4.6
2.54
1.27
4.6
14.1
3.6
1.5
0.43
0.38
-
4.65
2.66
1.39
4.65
15.5
3.65
-
0.48
0.43
A
B
C
D
E
F
G
a
b
REF.
DIMENSIONS
Millimeters
Min.
Typ.
Max.
-
4.55
2.42
1.15
4.55
12.7
3.55
0.38
0.33
1.5
4.6
2.54
1.27
4.6
14.1
3.6
0.43
0.38
-
4.65
2.66
1.39
4.65
15.5
3.65
0.48
0.43
Marking: type number
Weight: 0.2 g
A
B
C
D
G
b
E
F
H
a
C
D
G
A
a
B
E
F
45º
b


Similar Part No. - FS0101BA

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
   Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
   Pressure Sensors FS01/FS03 Force Sensors
More results

Similar Description - FS0101BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
logo
List of Unclassifed Man...
XL0102DA ETC1-XL0102DA Datasheet
78Kb / 2P
   SENSITIVE GATE SCR
logo
STMicroelectronics
TLS106 STMICROELECTRONICS-TLS106 Datasheet
262Kb / 4P
   SENSITIVE GATE SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com