Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89V554RC-40-C-NJ Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST89V554RC-40-C-NJ
Description  FlashFlex51 MCU
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89V554RC-40-C-NJ Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST89V554RC-40-C-NJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89V554RC-40-C-NJ Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
Data Sheet
FlashFlex51 MCU
SST89E564RD / SST89V564RD / SST89E554RC / SST89V554RC
©2003 Silicon Storage Technology, Inc.
S71207-04-000
12/03
P3[2]
I
INT0#: External Interrupt 0 Input
P3[3]
I
INT1#: External Interrupt 1 Input
P3[4]
I
T0: External count input to Timer/Counter 0
P3[5]
I
T1: External count input to Timer/Counter 1
P3[6]
O
WR#: External Data Memory Write strobe
P3[7]
O
RD#: External Data Memory Read strobe
PSEN#
I/O
Program Store Enable: PSEN# is the Read strobe to external program. When the device is
executing from internal program memory, PSEN# is inactive (High). When the device is exe-
cuting code from external program memory, PSEN# is activated twice each machine cycle,
except that two PSEN# activations are skipped during each access to external data memory.
A forced high-to-low input transition on the PSEN# pin while the RST input is continually held
high for more than 10 machine cycles will cause the device to enter external host mode pro-
gramming.
RST
I
Reset: While the oscillator is running, a “high” logic state on this pin for two machine cycles
will reset the device. If the PSEN# pin is driven by a high-to-low input transition while the RST
input pin is held “high,” the device will enter the external host mode, otherwise the device will
enter the normal operation mode.
EA#
I
External Access Enable: EA# must be connected to VSS in order to enable the device to
fetch code from the external program memory. EA# must be strapped to VDD for internal pro-
gram execution. However, Security lock level 4 will disable EA#, and program execution is
only possible from internal program memory. The EA# pin can tolerate a high voltage2 of 12V.
(See Section 13.0, “Electrical Specification”)
ALE/PROG#
I/O
Address Latch Enable: ALE is the output signal for latching the low byte of the address dur-
ing an access to external memory. This pin is also the programming pulse input (PROG#) for
flash programming. Normally the ALE3 is emitted at a constant rate of 1/6 the crystal fre-
quency4 and can be used for external timing and clocking. One ALE pulse is skipped during
each access to external data memory. However, if AO is set to 1, ALE is disabled.
(See “Auxiliary Register (AUXR)” in Section 3.6, “Special Function Registers”)
NC
I/O
No Connect
XTAL1
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
O
Crystal 2: Output from the inverting oscillator amplifier.
VDD
I
Power Supply
VSS
I
Ground
T2-1.4 1207
1. I = Input; O = Output
2. It is not necessary to receive a 12V programming supply voltage during flash programming.
3.ALE loading issue: When ALE pin experiences higher loading (>30pf) during the reset, the MCU may accidentally enter into modes
other than normal working mode. The solution is to add a pull-up resistor of 3-50 K
Ω to VDD, e.g. for ALE pin.
4. For 6 clock mode, ALE is emitted at 1/3 of crystal frequency.
TABLE
2-1: PIN DESCRIPTIONS (CONTINUED) (2 OF 2)
Symbol
Type1
Name and Functions


Similar Part No. - SST89V554RC-40-C-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89V554RC-40-C-NJ SST-SST89V554RC-40-C-NJ Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89V554RC-40-C-NJ SST-SST89V554RC-40-C-NJ Datasheet
962Kb / 90P
   FlashFlex MCU
More results

Similar Description - SST89V554RC-40-C-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com