Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5170 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA-5170
Description  8MHz, Precision, JFET Input Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5170 Datasheet(HTML) 8 Page - Intersil Corporation

  HA-5170 Datasheet HTML 1Page - Intersil Corporation HA-5170 Datasheet HTML 2Page - Intersil Corporation HA-5170 Datasheet HTML 3Page - Intersil Corporation HA-5170 Datasheet HTML 4Page - Intersil Corporation HA-5170 Datasheet HTML 5Page - Intersil Corporation HA-5170 Datasheet HTML 6Page - Intersil Corporation HA-5170 Datasheet HTML 7Page - Intersil Corporation HA-5170 Datasheet HTML 8Page - Intersil Corporation HA-5170 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FIGURE 16. OPEN LOOP FREQUENCY RESPONSE
FIGURE 17. CLOSED LOOP FREQUENCY RESPONSE FOR
VARIOUS CLOSED LOOP GAINS
Typical Performace Curves (Continued)
110
100
90
80
70
60
50
40
30
20
10
0
-10
10
100
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
RL = 2kΩ
CL = 50pF
PHASE
GAIN
180
135
90
45
0
100
80
60
40
20
0
10
100
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
HA-5170


Similar Part No. - HA-5170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
November 2004
More results

Similar Description - HA-5170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com