Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBT-60-1W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZNBT-60-1W
Description  50W Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZNBT-60-1W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZNBT-60-1W Datasheet HTML 1Page - List of Unclassifed Manufacturers ZNBT-60-1W Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
L = low range [f
L to 10fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
NOTES:
o
Non-hermetic
*
Insertion loss and isolation are guaranteed up to 20 dBm-RF power and 200 mA
DC current for PBTC, JEBT, and ZFBT Series; for ZNBT, up to 30 dBm RF power and
500mA DC current.
**
VSWR measured with open and short at DC port.
<
Insertion loss 1 dB Max. and isolation 7 dB Min. 0.1 to 0.3 MHz.
t Connectors: SMA-F at “RF”, and SMA-M at “RF & DC” port.
For DC port, ZFBT available with SMA-F and for ZFBT-FT available with
feedthrough terminal. For ZNBT-60-1W, N-M at "RF", N-F at "RF+DC", BNC-F at DC.
A.
General Quality Control Procedures, Environmental Specifications, Hi-Rel and
MIL description are given in General Information (Section 0).
B.
Case mounted options, case finishes are given in section 0, see “Case styles &
Outline Drawings”.
C.
Prices and specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a. max. input current: 500 mA
1b. max. RF power: 30 dBm
1c. max. voltage at DC port: 30V; JEBT series, 25V.
2.
DC resistance from DC to RF & DC port: 4.5 ohm typical.
features
l
wide band coverage 0.1 to 6000 MHz
l
low insertion loss 0.6 dB typ.
l
good isolation 40dB typ.
l
small size (JEBT) 1.26 X 0.94 X 0.39 inch
l
feedthrough version (FT) available for coaxial models
JEBT
222
FREQ.
RANGE
(MHz)
MODEL
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
ISOLATION*
(dB)
(RF-DC, RF&DC-DC)
f
L-fU
INSERTION LOSS*
(dB)
M
Typ. Min.
L
Typ. Min.
U
Typ. Min.
L
Typ. Max.
M
Typ. Max.
U
Typ. Max.
JEBT-4R2G
10-4200
0.15 0.6
0.6
1.2
0.6
1.6
32
20
40
20
40
20
BL301
hr
39.95
JEBT-6G
10-6000
0.15 0.6
0.7
1.4
1.3
2.9
32
20
40
20
40
17
BL301
hr
59.95
JEBT-4R2GW
0.1-4200
0.15 0.8
0.6
1.2
0.6
1.6
25
15
40
20
40
20
BL301
hr
59.95
JEBT-6GW
0.1-6000
0.15 0.8
0.7
1.4
1.3
2.9
25
15
40
20
30
17
BL301
hr
69.95
50
Surface Mount t
HIGH CURRENT 100 kHz to 6000 MHz
BIAS-TEES


Similar Part No. - ZNBT-60-1W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNBT-60-1W MINI-ZNBT-60-1W Datasheet
38Kb / 1P
   Bias-Tee Wideband, 2.5 to 6000 MHz
More results

Similar Description - ZNBT-60-1W

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
C12A50Z1A ANAREN-C12A50Z1A Datasheet
288Kb / 2P
   Surface Mount Termination 12 Watts, 50W
C10N50Z4A ANAREN-C10N50Z4A Datasheet
293Kb / 2P
   Surface Mount Termination 10 Watts, 50W
C16B50Z1A ANAREN-C16B50Z1A Datasheet
263Kb / 2P
   Surface Mount Termination 16 Watts, 50W
C16N50Z4A ANAREN-C16N50Z4A Datasheet
160Kb / 2P
   Surface Mount Termination 16 Watts, 50W
C16N50Z4B ANAREN-C16N50Z4B Datasheet
307Kb / 2P
   Surface Mount Termination 16 Watts, 50W
A20A50X1A ANAREN-A20A50X1A Datasheet
234Kb / 2P
   Surface mount Termination 20 Watts, 50W
100200-4Z50-2 ANAREN-100200-4Z50-2 Datasheet
268Kb / 2P
   Surface Mount Termination 10 Watts, 50W
logo
Sirectifier Global Corp...
N055AT56 SIRECT-N055AT56 Datasheet
341Kb / 3P
   50W 5-Line Array Surface Mount TVS Diodes
L055AT56 SIRECT-L055AT56 Datasheet
341Kb / 3P
   50W 5-Line Array Surface Mount TVS Diodes
logo
ETA-USA
AOFD-50 ETA-USA-AOFD-50 Datasheet
1Mb / 4P
   50W Din Rail Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com