Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTU4411GSTR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74CBTU4411GSTR
Description  11-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 1.8-V DDR-II SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTU4411GSTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74CBTU4411GSTR Datasheet HTML 4Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 5Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 6Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 7Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 8Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 9Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 10Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 11Page - Texas Instruments SN74CBTU4411GSTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SN74CBTU4411
11BIT 1OF4 FET MULTIPLEXER/DEMULTIPLEXER
1.8V DDRII SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
SCDS192 − APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
TO
TA = 70 °C
TA = 0 °C TO 85 °C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
TYP
MAX
UNIT
fmax
D or H port
334
MHz
fmax
S port†
84
MHz
tpd
H or D
D or H
297
ps
ten (tPZL, tPZH)‡
S
D
750
2100
ps
tdis (tPLZ, tPHZ)‡
S
D
750
2100
ps
tosk
85
ps
tesk
40
ps
tstart§
20
µs
† EN = GND, TC = GND
‡ VBIAS = open
§ tstart is the time required for the charge-pump circuit output voltage to reach a steady state value after VDD is applied.


Similar Part No. - SN74CBTU4411GSTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTU4411ZSTR TI1-SN74CBTU4411ZSTR Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
More results

Similar Description - SN74CBTU4411GSTR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CB3Q3257 NEXPERIA-74CB3Q3257 Datasheet
218Kb / 17P
   4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
74CB3Q3257-Q100 NEXPERIA-74CB3Q3257-Q100 Datasheet
217Kb / 13P
   4-bit 1-of-2 FET multiplexer/demultiplexer with charge pump
Rev. 1 - 20 February 2019
74CB3Q3253 NEXPERIA-74CB3Q3253 Datasheet
220Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer with charge pump
logo
NXP Semiconductors
CBT6832C PHILIPS-CBT6832C Datasheet
67Kb / 8P
   16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Jul 18
CBT6832D PHILIPS-CBT6832D Datasheet
67Kb / 8P
   16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion
2000 Sep 01
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com