Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5481 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M5481
Description  LED DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5481 Datasheet(HTML) 3 Page - STMicroelectronics

  M5481 Datasheet HTML 1Page - STMicroelectronics M5481 Datasheet HTML 2Page - STMicroelectronics M5481 Datasheet HTML 3Page - STMicroelectronics M5481 Datasheet HTML 4Page - STMicroelectronics M5481 Datasheet HTML 5Page - STMicroelectronics M5481 Datasheet HTML 6Page - STMicroelectronics M5481 Datasheet HTML 7Page - STMicroelectronics M5481 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M5481
3/8
3 - STATIC ELECTRICAL CHARACTERISTICS
(Tamb within operational range, VDD=4.75V to 13.2V, VSS=0V, unless otherwise specified)
Note 1 Output matching is calculated as the percent variation from Imax+Imin/2
Note 2 With a fixed resistor on the brightness input some variation in brightness will occur from one device to another.
Note 3 Absolute maximum for each output should be limited to 40mA.
Note 4 the Vo voltage should be regulated by the user.
4 - FUNCTIONAL DESCRIPTION
The M5481 uses the M5450 die which is packaged
to operate 2-digit alphanumeric displays with mini-
mal interface with the display and the data source.
Serial data transfer from the data source to the dis-
play driver is accomplished with 2 signals, serial
data and clock. using a format of a leading “1” fol-
lowed by the 35 data bits allows data transfer with-
out an additional load signal.
The 35 data bits are latched after the 36th bit is
complete, thus providing non-multiplexed, direct
drive to the display. Outputs change only if the se-
rial data bits differ from the previous time. Display
brightness is determined by control of the output
current for LED displays. A 1nF capacitor should
be connected to brightness control (pin 9) to pre-
vent possible oscillations.
A bloc diagram is shown on Figure 1. The output
current is typically 20 times greater than the cur-
rent into pin 9, which is set by an external variable
resistor.
The latter is an internal limiting resistor of 400
nominal value.
Figure 2 shows the input data format. A start bit of
logical “1” precedes the 35 bits of data. At the 36th
clock a LOAD is generated synchronously with the
high state of the clock, which loads the 35 bits of
the shift registers into the latches.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
4.5
13.2
V
Idd
Supply Current
VDD=13.2V
7
mA
Vi
Input Voltages
Logical “0” Level
Logical “1” Level
+10
µA Input Bias
4.75
≤V
DD≤5.25
VDD>5.25
-0.3
2.2
VDD-
2
0.8
VDD
VDD
V
V
V
IB
Brightness Input Current (Note 2)
0
0.75
mA
VB
Brightness Input Voltage (pin9)
Input Curren=750
µA
Tamb=25°C
3
4.3
V
Vo(off)
Off-state Output Voltage
13.2
V
Io
Output Sink Current (Note 3)
Segment OFF
Segment ON
Vo=3V
Vo=1V (Note 4)
Brightness In.=0
µA
Brightness In.=100
µA
Brightness In.=750
µA
0
2
12
2.7
15
10
10
4
25
µA
µA
mA
mA
fclock
Input Clock Frequency
0
0.5
MHz
Io
Output Matching (Note 1)
±20
%


Similar Part No. - M5481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
M5481B7 STMICROELECTRONICS-M5481B7 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
More results

Similar Description - M5481

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com