Electronic Components Datasheet Search |
|
MC7900 Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC7900 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 16 page MC7900 Series http://onsemi.com 4 MC7906C ELECTRICAL CHARACTERISTICS (VI = −11 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO − 5.75 − 6.0 − 6.25 Vdc Line Regulation (Note 3) (TJ = +25°C, IO = 100 mA) − 8.0 Vdc ≥ VI ≥ −25 Vdc −9.0 Vdc ≥ VI ≥ −13 Vdc (TJ = +25°C, IO = 500 mA) − 8.0 Vdc ≥ VI ≥ −25 Vdc − 9.0 Vdc ≥ VI ≥ −13 Vdc Regline − − − − 9.0 3.0 43 10 60 30 120 60 mV Load Regulation, TJ = +25°C (Note 3) 5.0 mA ≤ IO ≤ 1.5 A 250 mA ≤ IO ≤ 750 mA Regload − − 13 5.0 120 60 mV Output Voltage − 8.0 Vdc ≥ VI ≥ −21 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W VO − 5.7 − − 6.3 Vdc Input Bias Current (TJ = +25°C) IIB − 4.3 8.0 mA Input Bias Current Change − 8.0 Vdc ≥ VI ≥ −25 Vdc 5.0 mA ≤ IO ≤ 1.5 A DIIB − − − − 1.3 0.5 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 45 − mV Ripple Rejection (IO = 20 mA, f = 120 Hz) RR − 65 − dB Dropout Voltage (IO = 1.0 A, TJ = +25°C) VI−VO − 1.3 − Vdc Average Temperature Coefficient of Output Voltage IO = 5.0 A, 0°C ≤ TJ ≤ +125°C DVO/DT − −1.0 − mV/ °C MC7908C ELECTRICAL CHARACTERISTICS (VI = −14 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −7.7 − 8.0 − 8.3 Vdc Line Regulation (Note 3) (TJ = +25°C, IO = 100 mA) −10.5 Vdc ≥ VI ≥ −25 Vdc −11 Vdc ≥ VI ≥ −17 Vdc (TJ = +25°C, IO = 500 mA) −10.5 Vdc ≥ VI ≥ −25 Vdc −11 Vdc ≥ VI ≥ −17 Vdc Regline − − − − 12 5.0 50 22 80 40 160 80 mV Load Regulation, TJ = +25°C (Note 3) 5.0 mA ≤ IO ≤ 1.5 A 250 mA ≤ IO ≤ 750 mA Regload − − 26 9.0 160 80 mV Output Voltage −10.5 Vdc ≥ VI ≥ −23 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W VO −7.6 − − 8.4 Vdc Input Bias Current (TJ = +25°C) IIB − 4.3 8.0 mA Input Bias Current Change −10.5 Vdc ≥ VI ≥ −25 Vdc 5.0 mA ≤ IO ≤ 1.5 A DIIB − − − − 1.0 0.5 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 52 − mV Ripple Rejection (IO = 20 mA, f = 120 Hz) RR − 62 − dB Dropout Voltage (IO = 1.0 A, TJ = +25°C) VI−VO − 1.3 − Vdc Average Temperature Coefficient of Output Voltage IO = 5.0 mA, 0°C ≤ TJ ≤ +125°C DVO/DT − −1.0 − mV/ °C 3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Similar Part No. - MC7900_05 |
|
Similar Description - MC7900_05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |