Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375A12M300A Datasheet(PDF) 2 Page - Vicor Corporation

Part # V375A12M300A
Description  375Vin / 28Vout / 300Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12M300A Datasheet(HTML) 2 Page - Vicor Corporation

  V375A12M300A Datasheet HTML 1Page - Vicor Corporation V375A12M300A Datasheet HTML 2Page - Vicor Corporation V375A12M300A Datasheet HTML 3Page - Vicor Corporation V375A12M300A Datasheet HTML 4Page - Vicor Corporation V375A12M300A Datasheet HTML 5Page - Vicor Corporation V375A12M300A Datasheet HTML 6Page - Vicor Corporation V375A12M300A Datasheet HTML 7Page - Vicor Corporation V375A12M300A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375B28C300A DC-DC Converter
Rev. 5.2
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
250
375
425
Vdc
Input surge withstand
500
Vdc
<100ms
Output voltage setpoint
27.72
28.00
28.28
Vdc
Nominal input; full load; 25°C
Output OVP setpoint
31.5
32.7
33.9
Vdc
25°C; recycle input voltage to restart ( 1 minute off )
Output power
300
Watts
At 100°C baseplate temperature
Efficiency
86.5
87.5
%
Nominal input; 75% of full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Undervoltage turn-on
242.5
247.5
Vdc
Undervoltage turn-off
204.7
212.2
Vdc
Overvoltage turn-off/on
429.2
446.3
467.5
Vdc
Dissipation, standby
5.5
8.2
Watts
No load
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Baseplate
Slotted (Style 1)
Slotted baseplate (style 1) requires no designator.
For threaded baseplate add a "2" to the end of the
part number. For thru-hole add a "3".
Pin style
Short (Style 1)
For long pin configuration add “L” to the end of the
part number. See page 7 for pin dimensions.
MODULE MECHANICAL SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Load regulation
±0.06
±0.30
%
No load to full load; nominal input
Temperature regulation
±0.002
±0.005
% / °C
Over operating temperature range
Ripple and noise, p-p
160
200
mV
Nominal input; full load; 20 MHz bandwidth
Current limit
11.0
12.4
14.1
Amps
Output voltage 95% of nominal
Short circuit current
7.56
12.40
14.10
Amps
Output voltage <250mV
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below 90%
of nominal, a minimum load of 10% of maximum
rated power may be required.
MODULE OUTPUT SPECIFICATIONS


Similar Part No. - V375A12M300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12M300A VICOR-V375A12M300A Datasheet
179Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
V375A12M300A VICOR-V375A12M300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
More results

Similar Description - V375A12M300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B28C300B VICOR-V375B28C300B Datasheet
145Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375B24C300B VICOR-V375B24C300B Datasheet
145Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C28C150B VICOR-V375C28C150B Datasheet
142Kb / 8P
   375Vin / 28Vout / 150Watts DC-DC Converter Module
V375B12C300B VICOR-V375B12C300B Datasheet
145Kb / 8P
   375Vin / 12Vout / 300Watts DC-DC Converter Module
V375B48C300B VICOR-V375B48C300B Datasheet
145Kb / 8P
   375Vin / 48Vout / 300Watts DC-DC Converter Module
V375A28C600B VICOR-V375A28C600B Datasheet
150Kb / 8P
   375Vin / 28Vout / 600Watts DC-DC Converter Module
V375B24C300A VICOR-V375B24C300A Datasheet
179Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
V375B15C300A VICOR-V375B15C300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V300B28C250B VICOR-V300B28C250B Datasheet
145Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com