Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC01 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 4 Page - NXP Semiconductors

  RC01 Datasheet HTML 1Page - NXP Semiconductors RC01 Datasheet HTML 2Page - NXP Semiconductors RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1997 Feb 26
4
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
Fig.3
Maximum permissible peak pulse voltage without failing to ‘open circuit’
in accordance with DIN IEC 40 (CO) 533 for type: RC11.
handbook, full pagewidth
10
10 2
10 3
10 4
10 5
10 6
10 7
MBD587
10
4
10
10
2
10
3
V
R
(
Ω)
n
1.2/50
µs
10/700
µs
max
(V)
These pulses may not be applied on a regular basis.
Fig.4
Maximum permissible peak pulse voltage without failing to ‘open circuit’
in accordance with DIN IEC 40 (CO) 533 for type: RC21.
handbook, full pagewidth
10
10 2
10 3
10 4
10 5
10 6
10 7
MBD590
10
4
10
10
2
10
3
1.2/50
µs
10/700
µs
V
(V)
max
R
(
Ω)
n
These pulses may not be applied on a regular basis.


Similar Part No. - RC01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
Solid States Devices, I...
RC0100 SSDI-RC0100 Datasheet
30Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
YAGEO Corporation
RC0100 YAGEO-RC0100 Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
RC0100 YAGEO-RC0100 Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
RC0100BK-071ML YAGEO-RC0100BK-071ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC01

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CRS0504 RHOPOINT-CRS0504 Datasheet
46Kb / 2P
   Standard Chip Resistors
logo
Willow Technologies Ltd
CRS0504 WILLOW-CRS0504 Datasheet
255Kb / 2P
   Miniature/Standard Chip Resistors
logo
Vishay Siliconix
LAE1ACHIP0402KFE96 VISHAY-LAE1ACHIP0402KFE96 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW120647R0JNEA VISHAY-CRCW120647R0JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
Bourns Electronic Solut...
CRCW060347K0JNEA BOURNS-CRCW060347K0JNEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040210M0FKED VISHAY-CRCW040210M0FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04021K40FKED VISHAY-CRCW04021K40FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW04025K11FKED VISHAY-CRCW04025K11FKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW06032K70FKEA VISHAY-CRCW06032K70FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW060322K1FKEA VISHAY-CRCW060322K1FKEA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com