Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3237E Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX3237E
Description  3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3237E Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3237E_08 Datasheet HTML 4Page - Texas Instruments MAX3237E_08 Datasheet HTML 5Page - Texas Instruments MAX3237E_08 Datasheet HTML 6Page - Texas Instruments MAX3237E_08 Datasheet HTML 7Page - Texas Instruments MAX3237E_08 Datasheet HTML 8Page - Texas Instruments MAX3237E_08 Datasheet HTML 9Page - Texas Instruments MAX3237E_08 Datasheet HTML 10Page - Texas Instruments MAX3237E_08 Datasheet HTML 11Page - Texas Instruments MAX3237E_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Generator
(see Note B)
3 V or 0 V
Output
VOL
VOH
tPZH
(S1 at GND)
3 V
−3 V
0.3 V
Output
Input
0.3 V
3 V or 0 V
EN
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
C. tPLZ and tPHZ are the same as tdis.
D. tPZL and tPZH are the same as ten.
1.5 V
1.5 V
50%
tPHZ
(S1 at GND)
tPLZ
(S1 at VCC)
50%
tPZL
(S1 at VCC)
RL
S1
VCC
GND
CL
(see Note A)
Output
MAX3237E
3-V TO 5.5-V MULTICHANNEL RS-232
1-MBit/s LINE DRIVER/RECEIVER
SLLS709A – MAY 2006 – REVISED OCTOBER 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 4. Receiver Enable and Disable Times
8
Submit Documentation Feedback


Similar Part No. - MAX3237E_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3237EAI MAXIM-MAX3237EAI Datasheet
268Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
MAX3237ECAI MAXIM-MAX3237ECAI Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3237ECAI MAXIM-MAX3237ECAI Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
logo
Texas Instruments
MAX3237ECDB TI-MAX3237ECDB Datasheet
233Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237ECDBG4 TI-MAX3237ECDBG4 Datasheet
233Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
More results

Similar Description - MAX3237E_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
TRS3237E TI-TRS3237E Datasheet
404Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E Datasheet
233Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com