Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX2208 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX2208
Description  2 Amp Three Level Lithium Ion Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2208 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX2208 Datasheet HTML 3Page - Microsemi Corporation LX2208 Datasheet HTML 4Page - Microsemi Corporation LX2208 Datasheet HTML 5Page - Microsemi Corporation LX2208 Datasheet HTML 6Page - Microsemi Corporation LX2208 Datasheet HTML 7Page - Microsemi Corporation LX2208 Datasheet HTML 8Page - Microsemi Corporation LX2208 Datasheet HTML 9Page - Microsemi Corporation LX2208 Datasheet HTML 10Page - Microsemi Corporation LX2208 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LX2208
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
2 Amp Three Level Lithium Ion Battery Charger
TM
®
Copyright
© 2007
Rev. 1.0, 2007-04-03
PACKAGE DIMENSIONS
LD
12-Pin Plastic MLP Dual Exposed Pad
e
D
D2
Pin 1 ID
b
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
A3
0.20 REF
0.008 REF
D
3.00 BSC
0.118 BSC
E
3.00 BSC
0.118 BSC
D2
1.87
2.12
0.074
0.083
E2
1.06
1.31
0.042
0.052
e
0.45 BSC
0.018 BSC
K
0.20 MIN
0.008 MIN
L
0.30
0.50
0.012
0.020
b
0.15
0.25
0.006
0.010
Note:
1.
Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side. Lead dimension shall
not include solder coverage.
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX2208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
LX2201CLQ MICROSEMI-LX2201CLQ Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2207_0710 MICROSEMI-LX2207_0710 Datasheet
404Kb / 14P
   Three Level Lithium Ion Battery Charger
LX2207 MICROSEMI-LX2207 Datasheet
396Kb / 14P
   Three Level Lithium Ion Battery Charger
LX2206 MICROSEMI-LX2206 Datasheet
307Kb / 14P
   Dual Level Lithium Ion Battery Charger
LX2206 MICROSEMI-LX2206_07 Datasheet
301Kb / 14P
   TM Dual Level Lithium Ion Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com