Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24C15C250A Datasheet(PDF) 7 Page - Vicor Corporation

Part # V24C15C250A
Description  300Vin / 28Vout / 250Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24C15C250A Datasheet(HTML) 7 Page - Vicor Corporation

  V24C15C250A Datasheet HTML 1Page - Vicor Corporation V24C15C250A Datasheet HTML 2Page - Vicor Corporation V24C15C250A Datasheet HTML 3Page - Vicor Corporation V24C15C250A Datasheet HTML 4Page - Vicor Corporation V24C15C250A Datasheet HTML 5Page - Vicor Corporation V24C15C250A Datasheet HTML 6Page - Vicor Corporation V24C15C250A Datasheet HTML 7Page - Vicor Corporation V24C15C250A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V300B28C250A DC-DC Converter
Rev. 5.2
Page 7 of 8
Set your site on VICOR at www.vicorpower.com
(2X)
0.01
0.35
8,8
0.20**
5,1
0.12*
3,1
DIA,(7X)
0.150
3,81
(REF)
DIA,(2X)
0.080
2,03
4
3
1
98
2
76
5
0.23
5,8
0.400
10,16
1.400
35,56
1.000
25,40
0.700
17,78
2.20
55,9
1.74
44,2
FULL R (6X)
(6X)
(REF.)
0.10
2,5
1.30
33,0
2.28
57,9
2.20
55,9
0.130
3,30
0.49
12,4
0.65
16,5
0.06
1,5
R(3X)
X 45˚
CHAMFER
Use a 4-40 Screw (6X)
Torque to:
5 in-lbs
.57 N-m
0.54
13,7
0.43
10,9
Pin Style 2&N
(Long Pin)
0.62
15,7
Pin Style 1&S
(Short Pin)
(9X)
(9X)
Slotted (Style 1)
or
Threaded (Style 2)
4-40 UNC-2B (6X)
or
Thru Hole (Style 3)
#30 Drill Thru (6X)
(0.1285)
ALUMINUM
BASEPLATE
0.50
±0.02
12,7
±0,5
* Style 1 baseplate only
** Style 2 & 3 baseplates
*** Reserved for Vicor accessories
Not for mounting
style 2 & 3
baseplates only
(4X)***
0.300
±0.015
7,62
±0,38
0.300
±0.015
7,62
±0,38
1.900
48,26
2.000
50,80
0.10
2,5
MECHANICAL DRAWINGS
0.195
4,95
1.400*
35,56
1.000*
25,40
0.700*
17,78
0.400*
10,16
1.790
45,47
0.06
1,5
R
(4X)
0.158
4,01
5
6
7
8
9
12
34
±0.003
±0,08
* DENOTES
TOL =
PCB THICKNESS
0.062
±0.010
1,57
±0,25
PIN STYLE 1&S
0.094
±0.003
2,39
±0,08
INBOARD
SOLDER
MOUNT
0.43
10,9
0.53
13,5
1.900*
48.26
1.900*
48,26
1.584*
40,23
0.164
±0.003
4,16
±0,08
PIN STYLE 2&N
0.094
±0.003
2,39
±0,08
ONBOARD
SOLDER
MOUNT
0.164
±0.003
4,16
±0,08
PLATED
THRU HOLE
DIA
(7X)
(2X)
Unless otherwise specified,
dimensions are in inches
mm
Decimals
Tol.
Angles
0.XX
±0.01
±0.25
±1°
0.XXX
±0.005
±0.127
ALL MARKINGS
THIS SURFACE
PINS STYLES
STYLE 1 & 2: TIN/LEAD
HOT SOLDER DIPPED
STYLE S & N: GOLD PLATED COPPER
ALUMINUM
BASEPLATE
ies
PCB MOUNTING SPECIFICATIONS
Converter Pins
No.
Function
Label
1
+In
+
2
Primary
PC
Control
3Parallel
PR
4
–In
5
–Out
6
–Sense
–S
7
Secondary
SC
Control
8
+Sense
+S
9+Out
+
MODULE OUTLINE
PINS: TIN/LEAD
HOT SOLDER DIP


Similar Part No. - V24C15C250A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C15C250A VICOR-V24C15C250A Datasheet
179Kb / 8P
   DC-DC Converter Module
V24C15C250A VICOR-V24C15C250A Datasheet
183Kb / 8P
   DC-DC Converter Module
V24C15C250A VICOR-V24C15C250A Datasheet
183Kb / 8P
   300Vin / 48Vout / 250Watts DC-DC Converter Module
V24C15C250A VICOR-V24C15C250A Datasheet
183Kb / 8P
   48Vin / 48Vout / 250Watts DC-DC Converter Module
V24C15C250A VICOR-V24C15C250A Datasheet
183Kb / 8P
   300Vin / 24Vout / 250Watts DC-DC Converter Module
More results

Similar Description - V24C15C250A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300B28C250B VICOR-V300B28C250B Datasheet
145Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
V300B24C250B VICOR-V300B24C250B Datasheet
145Kb / 8P
   300Vin / 24Vout / 250Watts DC-DC Converter Module
V300B48C250A VICOR-V300B48C250A Datasheet
183Kb / 8P
   300Vin / 48Vout / 250Watts DC-DC Converter Module
V300B12C250B VICOR-V300B12C250B Datasheet
145Kb / 8P
   300Vin / 12Vout / 250Watts DC-DC Converter Module
V300B15C250B VICOR-V300B15C250B Datasheet
145Kb / 8P
   300Vin / 15Vout / 250Watts DC-DC Converter Module
V300B24C250A VICOR-V300B24C250A Datasheet
183Kb / 8P
   300Vin / 24Vout / 250Watts DC-DC Converter Module
V300B48C250B VICOR-V300B48C250B Datasheet
145Kb / 8P
   300Vin / 48Vout / 250Watts DC-DC Converter Module
V300A28C500B VICOR-V300A28C500B Datasheet
151Kb / 8P
   300Vin / 28Vout / 500Watts DC-DC Converter Module
V300C28C150B VICOR-V300C28C150B Datasheet
145Kb / 8P
   300Vin / 28Vout / 150Watts 300Vin / 28Vout / 150Watts
V48B24C250B VICOR-V48B24C250B Datasheet
179Kb / 8P
   48Vin / 24Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com