Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM75TU-12F Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM75TU-12F
Description  HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM75TU-12F Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM75TU-12F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM75TU-12F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM75TU-12F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM75TU-12F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
CM75TU-12F
4–
φ5.5
MOUNTING HOLES
102
20
10
10
80 ±0.25
GuP
EuP
GvP
EvP
GwP
EwP
GuN
EuN
GvN
EvN
GwN
EwN
P
N
CM
GE
GE
GE
GE
GE
G
E
11
11
11
19.1
19.1
11.85
U
V
W
5–M4NUTS
11
19.1
2.8
11
19.1
3.05
11
4
10
20
10
10
20
LABEL
(4)
29
+1
–0.5
CIRCUIT DIAGRAM
Tc measured point
Tc measured point
P
UV
W
GUPGVPGWP
GUNGVNGWN
EUNEVNEWN
N
EUPEVPEWP
RTC
RTC
RTC
RTC
RTC
RTC
APPLICATION
General purpose inverters & Servo controls, etc
MITSUBISHI IGBT MODULES
CM75TU-12F
HIGH POWER SWITCHING USE
¡IC ..................................................................... 75A
¡VCES ............................................................ 600V
¡Insulated Type
¡6-elements in a pack
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Similar Part No. - CM75TU-12F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM75TU-12F POWEREX-CM75TU-12F Datasheet
125Kb / 4P
   Trench Gate Design Six IGBTMOD??75 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM75TU-12F MITSUBISHI-CM75TU-12F Datasheet
120Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-12F MITSUBISHI-CM75TU-12F_09 Datasheet
120Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM75TU-12F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com