Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1005SYGWA-S530-E2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # S1005SYGWA-S530-E2
Description  Technical Data Sheet 1.0" Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

S1005SYGWA-S530-E2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  S1005SYGWA-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd S1005SYGWA-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd S1005SYGWA-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd S1005SYGWA-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd S1005SYGWA-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd S1005SYGWA-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
1.0" Single Digit Displays
ELS-1005SYGWA/S530-E2
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
120
mW
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
----
2.5
----
mcd
IF=2mA
Luminous
5.6
12.5
----
mcd
IF=10mA
----
0.6
----
mcd
IF=2mA
1.2
2.8
----
mcd
IF=10mA
Peak Wavelength
λp
----
575
----
nm
IF=20mA
Dominant Wavelength
λd
----
573
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Per decimal point
----
2.0
2.4
Per segment
-----
4.0
4.8
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com
Rev. : 1
Page: 3 of 6
Device Number : CDDS-100-029
Prepared date:2005/11/29
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Intensity
Per segment
Per decimal point
Forward
Voltage
VF
VIF=20mA


Similar Part No. - S1005SYGWA-S530-E2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
S1005SURWA-S530-A3 EVERLIGHT-S1005SURWA-S530-A3 Datasheet
123Kb / 7P
   Technical Data Sheet 1.0" Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com