Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6584-Q Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT6584-Q
Description  LCD Driver IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6584-Q Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT6584-Q Datasheet HTML 6Page - Princeton Technology Corp PT6584-Q Datasheet HTML 7Page - Princeton Technology Corp PT6584-Q Datasheet HTML 8Page - Princeton Technology Corp PT6584-Q Datasheet HTML 9Page - Princeton Technology Corp PT6584-Q Datasheet HTML 10Page - Princeton Technology Corp PT6584-Q Datasheet HTML 11Page - Princeton Technology Corp PT6584-Q Datasheet HTML 12Page - Princeton Technology Corp PT6584-Q Datasheet HTML 13Page - Princeton Technology Corp PT6584-Q Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6584 V1.1
- 10 -
August, 2006
LCD Driver IC
PT6584
CONTROL DATA
S0, S1: SLEEP CONTROL DATA
These control data bits switch between normal mode and sleep mode and set the states of the KS1 to
KS6 key scan outputs during key scan standby.
Control Data
Output Pin States During Key Scan Standby
S0
S1
Mode
OSC Oscillator
Segment Outputs
Common Outputs
KS1
KS2
KS3
KS4
KS5
KS6
0
0
Normal
Oscillator operating
Operating
H
H
H
H
H
H
0
1
Sleep
Stopped
L
L
L
L
L
L
H
1
0
Sleep
Stopped
L
L
L
L
L
H
H
1
1
Sleep
Stopped
L
H
H
H
H
H
H
Note: This assumes that the KS1/S54 and KS2/S55 output pins are selected for key scan output.
K0, K1: KEY SCAN OUTPUT/SEGMENT OUTPUT SELECTION DATA
These control data bits switch the functions of the KS1/S54 and KS2/S55 output pins between key
scan output and segment output.
Control Data
Output Pin State
K0
K1
KS1/S54
KS2/S55
Maximum Number of Input Keys
0
0
KS1
KS2
30
0
1
S54
KS2
25
1
X
S54
S55
20
Notes:
1. X=Don’t care
2. KSn (n=1 or 2): Key scan output
3. Sn (n=54 or 55): Segment output


Similar Part No. - PT6584-Q

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6583-LQ PTC-PT6583-LQ Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
More results

Similar Description - PT6584-Q

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Princeton Technology Co...
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
   LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
   LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
   LCD Driver IC
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
   LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
   LCD Driver IC
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
   LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
   LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
   LCD Driver IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com