Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z512A Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z512A
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z512A Datasheet HTML 4Page - STMicroelectronics M48Z512A Datasheet HTML 5Page - STMicroelectronics M48Z512A Datasheet HTML 6Page - STMicroelectronics M48Z512A Datasheet HTML 7Page - STMicroelectronics M48Z512A Datasheet HTML 8Page - STMicroelectronics M48Z512A Datasheet HTML 9Page - STMicroelectronics M48Z512A Datasheet HTML 10Page - STMicroelectronics M48Z512A Datasheet HTML 11Page - STMicroelectronics M48Z512A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M48Z512A, M48Z512AY
8/17
Figure 8. Chip Enable or Output Enable Controlled, Read Mode AC Waveforms
Note: Write Enable (W) = High.
AI01221
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
DATA OUT
A0-A18
E
G
DQ0-DQ7
VALID
READ MODE
The M48Z512A/512AY is in the Read Mode when-
ever W (Write Enable) is high and E (Chip Enable)
is low. The device architecture allows ripple-
through access of data from eight of 4,194,304 lo-
cations in the static storage array. Thus, the
unique address specified by the 19 Address Inputs
defines which one of the 524,288 bytes of data is
to be accessed. Valid data will be available at the
Data I/O pins within Address Access time (tAVQV)
after the last address input signal is stable, provid-
ing that the E (Chip Enable) and G (Output En-
able) access times are also satisfied. If the E and
G access times are not met, valid data will be
available after the later of Chip Enable Access
time (tELQV) or Output Enable Access Time
(tGLQV). The state of the eight three-state Data I/O
signals is controlled by E and G. If the outputs are
activated before tAVQV, the data lines will be driven
to an indeterminate state until tAVQV. If the Ad-
dress Inputs are changed while E and G remain
low, output data will remain valid for Output Data
Hold time (tAXQX) but will go indeterminate until the
next Address Access.


Similar Part No. - M48Z512A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A-7-PM1 STMICROELECTRONICS-M48Z512A-7-PM1 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z512A-7-PM6 STMICROELECTRONICS-M48Z512A-7-PM6 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z512A-70PM1 STMICROELECTRONICS-M48Z512A-70PM1 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z512A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
   4 Mbit 512Kb x8 Low Power SRAM with Output Enable
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com