Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT91-21B-TR9 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PT91-21B-TR9
Description  1.9mm Round Subminiature Yoke Lead Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT91-21B-TR9 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button PT91-21B-TR9 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 9Page - Everlight Electronics Co., Ltd PT91-21B-TR9 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 6 of 10
Device No:DTT-091-002
Prepared date:09-20-2006
Prepared by:Jaine Tsai
PT91-21B/TR9
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - PT91-21B-TR9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
237Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing??Lead
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7_08 Datasheet
237Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing??Lead
More results

Similar Description - PT91-21B-TR9

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B EVERLIGHT-PT91-21B Datasheet
190Kb / 7P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21C EVERLIGHT-PT91-21C_05 Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
   1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com