Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD15-21B Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # PD15-21B
Description  Silicin PIN Photodiode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD15-21B Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button PD15-21B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 8Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 9Page - Everlight Electronics Co., Ltd PD15-21B Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 10 of 10
Device No
:DTD-152-139
Prepared date
:02-15-2008
Prepared by
:Jaine tsai
RoHS
PD15-21B/TR8
Packing Procedure
Aluminum moistue-proof bag
Label
Desiccant
Label
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com
PD15-21B/TR8


Similar Part No. - PD15-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD15-21B-TR8 EVERLIGHT-PD15-21B-TR8 Datasheet
202Kb / 10P
   1206 Package Silicin PIN Photodiode
More results

Similar Description - PD15-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD15-22C-TR8 EVERLIGHT-PD15-22C-TR8 Datasheet
162Kb / 9P
   Silicin PIN Photodiode
PD15-21B-TR8 EVERLIGHT-PD15-21B-TR8 Datasheet
202Kb / 10P
   1206 Package Silicin PIN Photodiode
EAPDST3215A0 EVERLIGHT-EAPDST3215A0 Datasheet
518Kb / 9P
   1206 Package Silicin PIN Photodiode
PD42-21C EVERLIGHT-PD42-21C Datasheet
156Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21B EVERLIGHT-PD42-21B Datasheet
185Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
EAPDST3224A3 EVERLIGHT-EAPDST3224A3 Datasheet
468Kb / 9P
   1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21B-TR8 EVERLIGHT-PD42-21B-TR8 Datasheet
190Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21C-TR8 EVERLIGHT-PD42-21C-TR8 Datasheet
162Kb / 10P
   1.8mm Round Subminiature Silicin PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
   PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
   PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com