Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27LE520 Datasheet(PDF) 4 Page - Winbond

Part # W27LE520
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27LE520 Datasheet(HTML) 4 Page - Winbond

  W27LE520 Datasheet HTML 1Page - Winbond W27LE520 Datasheet HTML 2Page - Winbond W27LE520 Datasheet HTML 3Page - Winbond W27LE520 Datasheet HTML 4Page - Winbond W27LE520 Datasheet HTML 5Page - Winbond W27LE520 Datasheet HTML 6Page - Winbond W27LE520 Datasheet HTML 7Page - Winbond W27LE520 Datasheet HTML 8Page - Winbond W27LE520 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Advance Information W27LE520
- 4 -
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Ambient Temperature with Power Applied
-55 to +125
°C
Storage Temperature
-65 to +150
°C
Voltage on all Pins with Respect to Ground Except
OE /VPP, A9 and VDD Pins
-2.0 to +7.0
V
Voltage on OE /VPP Pin with Respect to Ground
-2.0 to +7.0
V
Voltage on A9 Pin with Respect to Ground
-2.0 to +7.0
V
Voltage VDD Pin with Respect to Ground
-2.0 to +14.0
V
Note: 1. Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of
the device.
2. Minimum voltage is -0.6V DC which may undershoot to -2.0V for pulses of less than 20ns. Maximum output pin voltage is
VDD+0.75V DC which may overshoot to +7.0V for pulses of less than 20ns.
DC Erase Characteristics
(TA = 25
° C ±5° C, VDD = 6.5V ±0.25V)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = VIL or VIH
-10
-
10
µA
VDD Erase Current
ICP
ALE = VIH, OE /VPP = VPE
A8&A11 = VIL, A9 = VPE,
A10 = VIH, Others = X
-
-
30
mA
VPP Erase Current
IPP
ALE = VIH, OE /VPP = VPE
A8&A11 = VIL, A9 = VPE,
A10 = VIH, Others = X
-
-
30
mA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.4
-
VDD+0.3
V
Output Low Voltage
(Verify)
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage
(Verify)
VOH
IOH = -0.4 mA
2.4
-
-
-
A9 SID Voltage
VHH
VDD = 5V
± 10%
11.5
12
12.5
V
A9 Erase Voltage
VPE
-
12.75
13
13.25
V
VPP Erase Voltage
VPE
-
12.75
13
13.25
V
VDD Supply Voltage
(Erase & Erase Verify)
VDE
-
6.25
6.5
6.75
V
Note: VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.
CAPACITANCE
(VDD = 3.0V to 3.6V or 4.5V to 5.5V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYMBOL
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
6
pF
Output Capacitance
COUT
VOUT = 0V
12
pF


Similar Part No. - W27LE520

ManufacturerPart #DatasheetDescription
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-12 WINBOND-W27L010-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-90 WINBOND-W27L010-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-12 WINBOND-W27L010P-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27LE520

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com