Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM-1082SURWA Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELM-1082SURWA
Description  1.2 inch 5*8 Dot Matrix Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM-1082SURWA Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  ELM-1082SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
1.2" 5*8 Dot Matrix Displays
ELM-1082SURWA/S530-A3
█ Packing Quantity Specification
1.21PCS/tube, 27 tubes/box
2.4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don't reproduce or cause anyone to reproduce them without EVERLIGHT'sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 6 of 6
Device Number :CDDM-108-006
Prepared date:2004/6/17
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
M1082SURWA/S530-A3
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com
RoHS


Similar Part No. - ELM-1082SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM-1082SYGWA EVERLIGHT-ELM-1082SYGWA Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA-S530-E2 EVERLIGHT-ELM-1082SYGWA-S530-E2 Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA/S530-E2 EVERLIGHT-ELM-1082SYGWA/S530-E2 Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
More results

Similar Description - ELM-1082SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-1081SYGWA EVERLIGHT-ELM-1081SYGWA Datasheet
194Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1081SURWA EVERLIGHT-ELM-1081SURWA Datasheet
197Kb / 7P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA EVERLIGHT-ELM-1082SYGWA Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2882SURWA EVERLIGHT-ELM-2882SURWA Datasheet
214Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2881SURWA EVERLIGHT-ELM-2881SURWA Datasheet
215Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2882SYGWA EVERLIGHT-ELM-2882SYGWA Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com