Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM-1082SURWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELM-1082SURWA
Description  1.2 inch 5*8 Dot Matrix Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM-1082SURWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELM-1082SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM-1082SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
1.2" 5*8 Dot Matrix Displays
ELM-1082SURWA/S530-A3
█ Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size
Failure
Judgment
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 SEC
76 PCS
0/1
H : +85℃ 30min
2
Temperature Cycle
∫ 5 min
50 CYCLE
76 PCS
0/1
L : -55℃ 30min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
50 CYCLE
76 PCS
0/1
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
IF = 10 mA
1000 HRS
76 PCS
0/1
7
High Temperature / High
Humidity
85℃/85% RH
1000 HRS
76 PCS
0/1
Note: Ivt:The test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
http : //www.everlight.com
Rev. : 2
Page: 5 of 6
Device Number :CDDM-108-006
Prepared date:2004/6/17
Prepared by: YanLi Zhong
Iv≦Ivt*0.5
or
Vf≧U
or
Vf≦L
EVERLIGHT ELECTRONICS CO.,LTD.


Similar Part No. - ELM-1082SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM-1082SYGWA EVERLIGHT-ELM-1082SYGWA Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA-S530-E2 EVERLIGHT-ELM-1082SYGWA-S530-E2 Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA/S530-E2 EVERLIGHT-ELM-1082SYGWA/S530-E2 Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
More results

Similar Description - ELM-1082SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-1081SYGWA EVERLIGHT-ELM-1081SYGWA Datasheet
194Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1081SURWA EVERLIGHT-ELM-1081SURWA Datasheet
197Kb / 7P
   1.4 inch 5*8 Dot Matrix Displays
ELM-1082SYGWA EVERLIGHT-ELM-1082SYGWA Datasheet
181Kb / 6P
   1.4 inch 5*8 Dot Matrix Displays
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
logo
Everlight Electronics C...
ELM-2882SURWA EVERLIGHT-ELM-2882SURWA Datasheet
214Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2881SURWA EVERLIGHT-ELM-2881SURWA Datasheet
215Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2882SYGWA EVERLIGHT-ELM-2882SYGWA Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com