Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELST-406SYGWA Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELST-406SYGWA
Description  0.39" Triple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELST-406SYGWA Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  ELST-406SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELST-406SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page: 7 of 8
Device No.: CDGT-406-003
Prepared date: 2006/11/28
Prepared by: Li Jing jing
ELST-406SYGWA/S530-E2
Package Dimensions
E(R
6.7
5)
R1
G(2.3)
A(44.5)
B(2.30)
R20
2
6
P S
100
?
90
?
110
?
03
03
2 3 4
?
D( 330)
Taping Dimensions
(A1)15.3±0.10
(A0)16.3±0.10
(P0)4.0±0.10
(P)20.0±0.10
(P2)2.0±0.10
-0.00
)
2.0
1
(D
+0.10
(T)0.35±0.05
(K0)4.1±0.10


Similar Part No. - ELST-406SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELST-406SURWA EVERLIGHT-ELST-406SURWA Datasheet
258Kb / 8P
   0.39" Triple Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com