Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSS-512SYGWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSS-512SYGWA
Description  0.56 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSS-512SYGWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSS-512SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSS-512SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 1 of 8
Device No.: CDGS-512-005
Prepared date:2006/5/9
Prepared by:
Hong Zhou
Technical Data Sheet
0.56" Single Digit SMD Displays
ELSS-512SYGWA/S530-E2
Features
˙Packaged in tape and reel for SMT manufacturing.
˙Design flexibility(common cathode or anode).
˙Categorized for luminous intensity.
˙The thickness is thinness than tradition display.
˙Pb free.
˙The product ifself will remain within RoHS
compliant version.
Descriptions
˙The SMD type is much smaller than tradition
type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
Applications
˙Suitable for indoor use.
˙Audio system.
˙Set top box.
˙Game machine.
˙Channel indicator of TV.
Device Selection Guide
Chip
Face Color
Material
Emitted Color
AlGaInP
Brilliant Yellow Green
Gray


Similar Part No. - ELSS-512SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-512SURWA EVERLIGHT-ELSS-512SURWA Datasheet
279Kb / 8P
   0.56" Single Digit SMD Display
More results

Similar Description - ELSS-512SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-511SURWA EVERLIGHT-ELSS-511SURWA Datasheet
203Kb / 8P
   0.56" Single Digit SMD Displays
ELSS-511SYGWA EVERLIGHT-ELSS-511SYGWA Datasheet
160Kb / 8P
   0.56 Single Digit SMD Displays
ELS-512IDB EVERLIGHT-ELS-512IDB Datasheet
319Kb / 5P
   0.56 Single Digit Displays
ELS-512UBWA EVERLIGHT-ELS-512UBWA Datasheet
120Kb / 5P
   0.56 Single Digit Displays
ELS-512EWB EVERLIGHT-ELS-512EWB Datasheet
106Kb / 5P
   0.56 Single Digit Displays
ELS-512GWB EVERLIGHT-ELS-512GWB Datasheet
107Kb / 5P
   0.56 Single Digit Displays
ELS-512IDR EVERLIGHT-ELS-512IDR Datasheet
110Kb / 5P
   0.56 Single Digit Displays
ELS-512EWA EVERLIGHT-ELS-512EWA Datasheet
306Kb / 5P
   0.56 Single Digit Displays
ELS-512GDB EVERLIGHT-ELS-512GDB Datasheet
118Kb / 5P
   0.56 Single Digit Displays
ELS-512GWA EVERLIGHT-ELS-512GWA Datasheet
107Kb / 5P
   0.56 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com