Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800AT90N5T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W800AT90N5T
Description  8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT90N5T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W800AT90N5T Datasheet HTML 7Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 8Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 9Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 10Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 11Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 12Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 13Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 14Page - STMicroelectronics M29W800AT90N5T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
M29W800AT, M29W800AB
Table 10. Status Register Bits
Note:
Logic level ’1’ is High, ’0’ is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive Read operations.
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
’1’
Erase Complete or erase block
in Erase Suspend
Indicates the P/E.C. status, check during
Program or Erase, and on completion before
checking bits DQ5 for program or Erase
Success.
’0’
Erase On-going
DQ
Program Complete or data of
non erase block during Erase
Suspend
DQ
Program On-going
6
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase or Program On-going
Successive reads output complementary
data on DQ6 while Programming or Erase
operations are on-going. DQ6 remains at
constant level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
DQ
Program Complete
’-1-1-1-1-1-1-1-’
Erase Complete or Erase
Suspend on currently
addressed block
5
Error Bit
’1’
Program or Erase Error
This bit is set to ‘1’ in the case of
Programming or Erase failure.
’0’
Program or Erase On-going
4
Reserved
3
Erase
Time Bit
’1’
Erase Timeout Period Expired
P/E.C. Erase operation has started. Only
possible command entry is Erase Suspend
(ES).
’0’
Erase Timeout Period On-going
An additional block to be erased in parallel
can be entered to the P/E.C.
2
Toggle Bit
’-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase
Suspend on the currently
addressed block.
Erase Error due to the currently
addressed block
(when DQ5 = ‘1’).
Indicates the erase status and allows to
identify the erased block
1
Program on-going, Erase on-
going on another block or
Erase Complete
DQ
Erase Suspend read on non
Erase Suspend block
1
Reserved
0
Reserved


Similar Part No. - M29W800AT90N5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AT90N5T STMICROELECTRONICS-M29W800AT90N5T Datasheet
717Kb / 40P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AT90N5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com