Electronic Components Datasheet Search |
|
K4X1G163PC-L Datasheet(PDF) 6 Page - Samsung semiconductor |
|
K4X1G163PC-L Datasheet(HTML) 6 Page - Samsung semiconductor |
6 / 20 page K4X1G163PC - L(F)E/G - 9 - Mobile DDR SDRAM November 2007 9. Mode Register Definition 9.1. Mode Register Set(MRS) The mode register is designed to support the various operating modes of Mobile DDR SDRAM. It includes Cas latency, addressing mode, burst length, test mode and vendor specific options to make Mobile DDR SDRAM useful for variety of applications. The default value of the mode register is not defined, therefore the mode register must be written in the power up sequence of Mobile DDR SDRAM. The mode regis- ter is written by asserting low on CS, RAS, CAS and WE(The Mobile DDR SDRAM should be in active mode with CKE already high prior to writing into the mode register). The states of address pins A0 ~ A13 and BA0, BA1 in the same cycle as CS, RAS, CAS and WE going low are written in the mode register. Two clock cycles are required to complete the write operation in the mode register. Even if the power-up sequence is finished and some read or write operation is executed afterward, the mode register contents can be changed with the same com- mand and two clock cycles. This command must be issued only when all banks are in the idle state. If mode register is changed, extended mode register automatically is reset and come into default state. So extended mode register must be set again. The mode register is divided into various fields depending on functionality. The burst length uses A0 ~ A2, addressing mode uses A3, Cas latency(read latency from col- umn address) uses A4 ~ A6, A7 ~ A13 is used for test mode. BA0 and BA1 must be set to low for proper MRS operation. Figure 2. Mode Register Set NOTE : 1) RFU(Reserved for future use) should stay "0" during MRS cycle Address Bus A2 A1 A0 Burst Type 0 0 0 Reserved 00 1 2 01 0 4 01 1 8 10 0 16 1 0 1 Reserved 1 1 0 Reserved 1 1 1 Reserved A3 Burst Type 0 Sequential 1 Interleave Mode Register BA1 BA0 A13 ~ A10/AP A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 0 BT Burst Length 0 RFU1) 0 0 0 CAS Latency A6 A5 A4 CAS Latency 0 0 0 Reserved 0 0 1 Reserved 01 0 2 01 1 3 1 0 0 Reserved 1 0 1 Reserved 1 1 0 Reserved 1 1 1 Reserved |
Similar Part No. - K4X1G163PC-L |
|
Similar Description - K4X1G163PC-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |