Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-H2XX-TR2 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # IRM-H2XX-TR2
Description  Infrared Remote-control Receiver Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-H2XX-TR2 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button IRM-H2XX-TR2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd IRM-H2XX-TR2 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev
2
Page: 10 of 12
Device No:DMO-238-377
Prepared date:11-24-2006
Prepared by:Cindy Lin
IRM-H2xx/TR2 SERIES
Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
Repairing
Repair should not be done after the Devices have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the Devices will or will not be damaged by repairing.


Similar Part No. - IRM-H2XX-TR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-H2XXT EVERLIGHT-IRM-H2XXT Datasheet
259Kb / 12P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-H2XX-TR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com