Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR8102 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ITR8102
Description  Opto Interrupter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8102 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ITR8102 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8102 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8102 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8102 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8102 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8102 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 2 of 6
Device No:CDRX-810-005
Prepared date:2006/7/26
Prepared by: zhouhong
ITR8102
█ Package Dimensions
Notes:
1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.2mm
3.Lead spacing is measured where the lead emerge from the package
4.Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification
5.These specification sheets include materials protected under copyright of EVERLIGHT
corporation . Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent
6.When using this product , please observe the absolute maximum ratings and the
instructions for use outlined in these specification sheets. EVERIGHT assumes no
responsibility for any damage resulting from use of the product which does not comply
with the absolute maximum ratings and the instructions included in these specification
sheets.


Similar Part No. - ITR8102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITR8102 ETC-ITR8102 Datasheet
206Kb / 8P
   gallium arsenide infrared emitting diode
More results

Similar Description - ITR8102

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com