Electronic Components Datasheet Search |
|
LP3875ET-5.0 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
LP3875ET-5.0 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 18 page LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators General Description The LP3872/LP3875 series of fast ultra low-dropout linear regulators operate from a +2.5V to +7.0V input supply. Wide range of preset output voltage options are available. These ultra low dropout linear regulators respond very quickly to step changes in load, which makes them suitable for low voltage microprocessor applications. The LP3872/LP3875 are developed on a CMOS process which allows low quies- cent current operation independent of output load current. This CMOS process also allows the LP3872/LP3875 to op- erate under extremely low dropout conditions. Dropout Voltage: Ultra low dropout voltage; typically 38mV at 150mA load current and 380mV at 1.5A load current. Ground Pin Current: Typically 6mA at 1.5A load current. Shutdown Mode: Typically 10nA quiescent current when the shutdown pin is pulled low. Error Flag: Error flag goes low when the output voltage drops 10% below nominal value. SENSE: Sense pin improves regulation at remote loads. Precision Output Voltage: Multiple output voltage options are available ranging from 1.8V to 5.0V with a guaranteed accuracy of ±1.5% at room temperature, and ±3.0% over all conditions (varying line, load, and temperature). Features n Ultra low dropout voltage n Low ground pin current n Load regulation of 0.06% n 10nA quiescent current in shutdown mode n Guaranteed output current of 1.5A DC n Available in TO-263, TO-220 and SOT-223 packages n Output voltage accuracy ± 1.5% n Error flag indicates output status n Sense option improves load regulation n Minimum output capacitor requirements n Overtemperature/overcurrent protection n −40˚C to +125˚C junction temperature range Applications n Microprocessor power supplies n GTL, GTL+, BTL, and SSTL bus terminators n Power supplies for DSPs n SCSI terminator n Post regulators n High efficiency linear regulators n Battery chargers n Other battery powered applications Typical Application Circuits 20063301 *SD and ERROR pins must be pulled high through a 10k Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See application hints for more information. September 2006 © 2006 National Semiconductor Corporation DS200633 www.national.com |
Similar Part No. - LP3875ET-5.0 |
|
Similar Description - LP3875ET-5.0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |