Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3875ET-5.0 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3875ET-5.0
Description  1.5A Fast Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3875ET-5.0 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3875ET-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP3875ET-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ordering Information
20063331
Package Type Designator is "T" for TO220 package, "S" for TO263 package, and "MP" for SOT223-5 package.
TABLE 1. Package Marking and Ordering Information
Output
Voltage
Order Number
Description
(Current, Option)
Package Type
Package Marking
Supplied As:
5.0
LP3872EMP-5.0
1.5A, Error Flag
SOT223-5
LHDB
1000 Units on Tape and
Reel
5.0
LP3872EMPX-5.0
1.5A, Error Flag
SOT223-5
LHDB
2000 Units on Tape and
Reel
5.0
LP3872ES-5.0
1.5A, Error Flag
TO263-5
LP3872ES-5.0
Rail
5.0
LP3872ESX-5.0
1.5A, Error Flag
TO263-5
LP3872ES-5.0
Tape and Reel
3.3
LP3872EMP-3.3
1.5A, Error Flag
SOT223-5
LHCB
1000 Units on Tape and
Reel
3.3
LP3872EMPX-3.3
1.5A, Error Flag
SOT223-5
LHCB
2000 Units on Tape and
Reel
3.3
LP3872ES-3.3
1.5A, Error Flag
TO263-5
LP3872ES-3.3
Rail
3.3
LP3872ESX-3.3
1.5A, Error Flag
TO263-5
LP3872ES-3.3
Tape and Reel
2.5
LP3872EMP-2.5
1.5A, Error Flag
SOT223-5
LHBB
1000 Units on Tape and
Reel
2.5
LP3872EMPX-2.5
1.5A, Error Flag
SOT223-5
LHBB
2000 Units on Tape and
Reel
2.5
LP3872ES-2.5
1.5A, Error Flag
TO263-5
LP3872ES-2.5
Rail
2.5
LP3872ESX-2.5
1.5A, Error Flag
TO263-5
LP3872ES-2.5
Tape and Reel
1.8
LP3872ES-1.8
1.5A, Error Flag
TO263-5
LP3872ES-1.8
Rail
1.8
LP3872ESX-1.8
1.5A, Error Flag
TO263-5
LP3872ES-1.8
Tape and Reel
1.8
LP3872EMP-1.8
1.5A, Error Flag
SOT223-5
LHAB
1000 Units on Tape and
Reel
1.8
LP3872EMPX-1.8
1.5A, Error Flag
SOT223-5
LHAB
2000 Units on Tape and
Reel
5.0
LP3875EMP-5.0
1.5A, SENSE
SOT223-5
LHRB
1000 Units on Tape and
Reel
5.0
LP3875EMPX-5.0
1.5A, SENSE
SOT223-5
LHRB
2000 Units on Tape and
Reel
5.0
LP3875ES-5.0
1.5A, SENSE
TO263-5
LP3875ES-5.0
Rail
5.0
LP3875ESX-5.0
1.5A, SENSE
TO263-5
LP3875ES-5.0
Tape and Reel
3.3
LP3875EMP-3.3
1.5A, SENSE
SOT223-5
LHPB
1000 Units on Tape and
Reel
www.national.com
4


Similar Part No. - LP3875ET-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3875ET-3.3/NOPB TI1-LP3875ET-3.3/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP3875ET-3.3/NOPB TI1-LP3875ET-3.3/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
National Semiconductor ...
LP3875ET-ADJ NSC-LP3875ET-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3875ET-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
   1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
   1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com