Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT120128DRS-F Datasheet(PDF) 3 Page - Powertip Technology

Part # PT120128DRS-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PT120128DRS-F Datasheet(HTML) 3 Page - Powertip Technology

  PT120128DRS-F Datasheet HTML 1Page - Powertip Technology PT120128DRS-F Datasheet HTML 2Page - Powertip Technology PT120128DRS-F Datasheet HTML 3Page - Powertip Technology PT120128DRS-F Datasheet HTML 4Page - Powertip Technology PT120128DRS-F Datasheet HTML 5Page - Powertip Technology PT120128DRS-F Datasheet HTML 6Page - Powertip Technology PT120128DRS-F Datasheet HTML 7Page - Powertip Technology PT120128DRS-F Datasheet HTML 8Page - Powertip Technology PT120128DRS-F Datasheet HTML 9Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
U
M
F
7
T
FSTN negative, Black
LCD mode
(Type+Color)
8
0~Z
Series number
Model name
00~ZZ
IC manufacturer / character pattern
/total solution series number
9
NN
Without
* 2
A
Reflective
/Normal temp.
/6:00 direction
D
G
J
B
Transflective /Noraml temp.
/6:00 direction
E
H
K
C
F
I
10
L
Polarizer type/
LCD Temperature
range/
Viewing direction
No code value
Standard product
11
01~ZZ
Special
Version
(*1) Without code value
(*2)
Character Pattern
Character
English / Japanese
EA
HO/HA/HC
SO
NO
WA
AO
JA
YA
English / Europe
EB
H2/HB/HC/HU
S5/S6
N5/N6/NI
WB/W5
JB
English / France
EC
S3
N3
English / Russia
EH
SH
NH
English / Chinese
HH
English / Hebrew
S4/S8
N4/N8
Note:
A: APANPEC LSI
M: MOTOROLA LSI
R: SHARP LSI
W: SITRONIX LSI
E: ESPON LSI
N: NOVATECH LSI
S: SUMSUNG LSI
Y : SANYO LSI
H: HITACHI LSI
O: OKI LSI
T: TOSHIBA LSI
J : JRC LSI
P: PHILIPS LSI
U: UMC GROUP LSI
controller
Reflective
/Normal temp.
/12:00 direction
Reflective
/Extended temp. /6:00 direction
Reflective
/Extended temp. /12:00 direction
FSTN positive, White
STN positive, Yellow-green
STN negative, Blue
Transflective /Noraml temp.
/12:00 direction
Transflective /Extended temp. /6:00 direction
Transflective /Extended temp. /12:00 direction
Transmissive /Normal temp.
/6:00 direction
Transmissive /Normal temp.
/12:00 direction
Transmissive /Extended temp.
/6:00 direction
Transmissive /Extended temp.
/12:00 direction
code
(*3) Check with our sales for available combinations.
Graphic
TA
E4


Similar Part No. - PT120128DRS-F

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
logo
NXP Semiconductors
PT12000 NXP-PT12000 Datasheet
1Mb / 148P
   Programmable solenoid controller
Rev. 13, 5/2022
logo
YAGEO Corporation
PT1206FK-070R025L YAGEO-PT1206FK-070R025L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PT1206FK-070R1L YAGEO-PT1206FK-070R1L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
PT1206FK-070R91L YAGEO-PT1206FK-070R91L Datasheet
606Kb / 9P
   CURRENT SENSOR - LOW TCR
More results

Similar Description - PT120128DRS-F

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG640480-A POWERTIP-PG640480-A Datasheet
109Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com