Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHP-C04-UT01-P01 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EHP-C04-UT01-P01
Description  High Power LED - 1W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-C04-UT01-P01 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EHP-C04-UT01-P01 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-C04-UT01-P01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EHP-C04/UT01-P01/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 4 of 10
Device No. :
Prepared date: July. 24, 2007
Prepared by: Randal Chiang
Color Binning
Rank A0
Rank B3
x
0.280
0.264
0.283
0.296
x
0.287
0.283
0.304
0.307
y
0.248
0.267
0.305
0.276
y
0.295
0.305
0.330
0.315
Reference CCT: 9000K-15000K
Reference CCT: 7000K-8700K
Rank B4
Rank B5
x
0.307
0.304
0.330
0.330
x
0.296
0.287
0.307
0.311
y
0.315
0.330
0.360
0.339
y
0.276
0.295
0.315
0.294
Reference CCT: 6200K-7000K
Reference CCT: 7000K-9000K
Rank B6
Rank C0
x
0.311
0.307
0.330
0.330
x
0.330
0.330
0.361
0.356
y
0.294
0.315
0.339
0.318
y
0.318
0.360
0.385
0.351
Reference CCT: 5600K-7000K
Reference CCT: 4600K-5600K
Note. 1. Color coordinates measurement allowance : ±0.01
2. Color bins are defined at IF=500 mA
Color Binning Structure Graphic Representation
0.20
0.24
0.28
0.32
0.36
0.40
0.44
0.20
0.24
0.28
0.32
0.36
0.40
0.44
C0
B6
B4
B3
B5
x
A0


Similar Part No. - EHP-C04-UT01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-C04-NT01A-P01-TR EVERLIGHT-EHP-C04-NT01A-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
EHP-C04-NT01H-P01-TR EVERLIGHT-EHP-C04-NT01H-P01-TR Datasheet
363Kb / 12P
   Small & compact package and with high efficiency
More results

Similar Description - EHP-C04-UT01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com