Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T212A Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T212A
Description  3.3V TIMEKEEPER CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212A Datasheet(HTML) 5 Page - STMicroelectronics

  M48T212A Datasheet HTML 1Page - STMicroelectronics M48T212A Datasheet HTML 2Page - STMicroelectronics M48T212A Datasheet HTML 3Page - STMicroelectronics M48T212A Datasheet HTML 4Page - STMicroelectronics M48T212A Datasheet HTML 5Page - STMicroelectronics M48T212A Datasheet HTML 6Page - STMicroelectronics M48T212A Datasheet HTML 7Page - STMicroelectronics M48T212A Datasheet HTML 8Page - STMicroelectronics M48T212A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
M48T212A
Table 6. Capacitance (1)
(TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
2. Outputs deselected.
Table 7. DC Characteristics
(TA = 0 to 70°C; VCC = 3V to 3.6V)
Note: 1. Outputs deselected.
2. RSTIN1 and RSTIN2 internally pulled-up to VCC through 100KΩ resistor. WDI internally pulled-down to VSS through 100KΩ resistor.
3. For IRQ/FT & RST pins (Open Drain).
4. Conditioned outputs (E1CON - E2CON) can only sustain CMOS leakage currents in the battery back-up mode. Higher leakage cur-
rents will reduce battery life.
5. External SRAM must match TIMEKEEPER Controller chip VCC specification.
6. When fully charged.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
COUT
(2)
Input/Output Capacitance
VOUT = 0V
10
pF
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
(1,2)
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(1)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC
Supply Current
Outputs Open
4
10
mA
ICC1
Supply Current (Standby) TTL
E = VIH
3mA
ICC2
Supply Current (Standby) CMOS
E = VCC –0.2
2mA
IBAT
Battery Current OSC ON
575
800
nA
Battery Current OSC OFF
100
nA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
Output Low Voltage (open drain) (3)
IOL = 10mA
0.4
V
VOH
Output High Voltage
IOH = –1.0mA
2.4
V
VOHB
(4)
VOH Battery Back-up
IOUT2 = –1.0µA
2.0
3.6
V
IOUT1
(5)
VOUT Current (Active)
VOUT1 > VCC –0.3
70
mA
IOUT2
VOUT Current (Battery Back-up)
VOUT2 > VBAT –0.3
100
µA
VPFD
Power-fail Deselect Voltage
2.7
2.9
3.0
V
VSO
Battery Back-up Switchover Voltage
VPFD –100mV
V
VBAT
Battery Voltage
3.0
V
VCAP
Capacitor Voltage (6)
VCC
V


Similar Part No. - M48T212A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V STMICROELECTRONICS-M48T212V Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
M48T212V-70MH1 STMICROELECTRONICS-M48T212V-70MH1 Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V-70MH1E STMICROELECTRONICS-M48T212V-70MH1E Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V-70MH1F STMICROELECTRONICS-M48T212V-70MH1F Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
More results

Similar Description - M48T212A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T248Y STMICROELECTRONICS-M48T248Y Datasheet
306Kb / 24P
   5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T251Y STMICROELECTRONICS-M48T251Y Datasheet
366Kb / 24P
   5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com