Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T129V Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T129V
Description  3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T129V Datasheet HTML 6Page - STMicroelectronics M48T129V Datasheet HTML 7Page - STMicroelectronics M48T129V Datasheet HTML 8Page - STMicroelectronics M48T129V Datasheet HTML 9Page - STMicroelectronics M48T129V Datasheet HTML 10Page - STMicroelectronics M48T129V Datasheet HTML 11Page - STMicroelectronics M48T129V Datasheet HTML 12Page - STMicroelectronics M48T129V Datasheet HTML 13Page - STMicroelectronics M48T129V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
M48T129Y, M48T129V
10/22
Table 10. Write Mode AC Characteristics
(TA = 0 to 70 °C)
Note: 1. CL = 5pF.
2. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter
M48T129Y
M48T129V
Unit
-70
-85
Min
Max
Min
Max
tAVAV
Write Cycle Time
70
85
ns
tAVWL
Address Valid to Write Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
Write Enable Pulse Width
50
60
ns
tELEH
Chip Enable Low to Chip Enable High
55
65
ns
tWHAX
Write Enable High to Address Transition
5
5
ns
tEHAX
Chip Enable High to Address Transition
10
15
ns
tDVWH
Input Valid to Write Enable High
30
35
ns
tDVEH
Input Valid to Chip Enable High
30
35
ns
tWHDX
Write Enable High to Input Transition
5
5
ns
tEHDX
Chip Enable High to Input Transition
10
15
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
30
ns
tAVWH
Address Valid to Write Enable High
60
70
ns
tAVEH
Address Valid to Chip Enable High
60
70
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
5
ns
WATCHDOG TIMER
The watchdog timer can be used to detect an out-
of-control microprocessor. The user programs the
watchdog timer by setting the desired amount of
time-out into the Watchdog Register, address
1FFF7h. Bits BMB4-BMB0 store a binary multiplier
and the two lower order bits RB1-RB0 select the
resolution, where 00 = 1/16 second, 01 = 1/4 sec-
ond, 10 = 1 second, and 11 = 4 seconds. The
amount of time-out is then determined to be the
multiplication of the five bit multiplier value with the
resolution. (For example: writing 00001110 in the
Watchdog Register = 3*1 or 3 seconds).
Note: Accuracy of timer is within
± the selected
resolution.
If the processor does not reset the timer within the
specified period, the M48T129Y/V sets the WDF
(Watchdog Flag) and generates a watchdog inter-
rupt or a microprocessor reset. WDF is reset by
reading the Flags Register (Address 1FFF0h). The
most significant bit of the Watchdog Register is the
Watchdog Steering Bit (WDS). When set to a ’0’,
the watchdog will activate the IRQ/FT pin when
timed-out. When WDS is set to a ’1’, the watchdog
will output a negative pulse on the RST pin for 40
to 200 ms. The Watchdog register and the FT bit
will reset to a ’0’ at the end of a Watchdog time-out
when the WDS bit is set to a ’1’. The watchdog tim-
er can be reset by having the original time-out pe-
riod
re-written into
the Watchdog Register,
effectively restarting the count-down cycle.
Should the watchdog timer time-out, and the WDS
bit is programmed to output an interrupt, a value of
00h needs to be written to the Watchdog Register
in order to clear the IRQ/FT pin. This will also dis-
able the watchdog function until it is again pro-
grammed correctly. A read of the Flags Register
will reset the Watchdog Flag (Bit D7; Register
1FFF0h). The watchdog function is automatically
disabled upon power-down and the Watchdog
Register is cleared. If the watchdog function is set
to output to the IRQ/FT pin and the frequency test
function is activated, the watchdog or alarm func-
tion prevails and the frequency test function is de-
nied.


Similar Part No. - M48T129V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T129V STMICROELECTRONICS-M48T129V Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
M48T129V STMICROELECTRONICS-M48T129V Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48T129V-70PM1 STMICROELECTRONICS-M48T129V-70PM1 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
M48T129V-70PM1 STMICROELECTRONICS-M48T129V-70PM1 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48T129V-85PM1 STMICROELECTRONICS-M48T129V-85PM1 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
More results

Similar Description - M48T129V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
   5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
   3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com