Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1175-MBT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A1175-MBT
Description  SPECIFICATION FOR APPROVAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1175-MBT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  A1175-MBT Datasheet HTML 1Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 2Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 3Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 4Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 5Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 6Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 7Page - List of Unclassifed Manufacturers A1175-MBT Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SUNON
Notes
1. SUNON will not guarantee the products if the application of our products is exceeded
the limitation which is specified on this specification.
2. In case of change of the specification specified on this document, a written notice is
requested in advance.
3. Please do not touch the impeller with pressure and never bring the fan with lead wire.
The bearings and lead wire may be damaged.
4. No guarantee on the products against the safety problem or failure caused by powder
dust, drop of water or insect.
5. If there is any data or related documentation different from this data sheet, this data
sheet is the principal reference.
6. For the purpose of MIS, please indicate SPEC No. on every order.
7. In case of the fan has no polarity protection function, wires with same color (electrode)
must be connected together during the assembly. (i.e. red + red, black + black)
or the fan will be damaged immediately.
8. Please do not use the fan in the environment of corrosive gas or liquid or any detrimental
gas.
9. Please do not store the fan in the environment of high / low temperature, high humidity
or any detrimental gas. Please store the fan within 6 months, every 6 months, there
shall be a leakage of electric current to the fan, even though the fan is stored in room
temperature.
10.While the fan is in operation, please do not lock the fan intentionally for a long period of
time, since the continuous stoppage will result in over-heat and damage of the fan.
11.During the installation of the fan, please pay substantial attention to possible noise
cause by resonance vibration and vibration.
12.
During the testing of the fan, please be sure to use finger guard to insure safety.
13.Unless otherwise specified, if there is any doubt in the judgement, the temperature and
relative humidity range of environment will be take in according to the standard test
condition as 25℃
℃ and 65%.
SPEC. NO.
A170028
REVISE DATE
ISSUE DATE
06. 22. 2001 E D I T I O N
0
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
SUNONWEALTH ELECTRIC
MACHINE INDUSTRY CO., LTD.
P A G E
7 OF 7


Similar Part No. - A1175-MBT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1175 STMICROELECTRONICS-A1175 Datasheet
292Kb / 13P
   LOW-NOISE VERTICAL DEFLECTION SYSTEM
More results

Similar Description - A1175-MBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com