Electronic Components Datasheet Search |
|
SN54ABT16640 Datasheet(PDF) 4 Page - Texas Instruments |
|
SN54ABT16640 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 13 page SN54ABT16640, SN74ABT16640 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS107C – APRIL 1992 – REVISED JANUARY 1997 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT16640 SN74ABT16640 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 2.5 VOH VCC = 5 V, IOH = –3 mA 3 3 3 V VOH VCC =4 5V IOH = –24 mA 2 2 V VCC = 4.5 V IOH = –32 mA 2* 2 VOL VCC =4 5V IOL = 48 mA 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V Vhys 100 mV II Control inputs VCC = 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA I A or B ports CC , ICC ±100 ±100 ±100 µ IOZH‡ VCC = 5.5 V, VO = 2.7 V 50 50 50 µA IOZL‡ VCC = 5.5 V, VO = 0.5 V –50 –50 –50 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 50 µA IO§ VCC = 5.5 V, VO = 2.5 V –50 –100 –180 –40 –180 –50 –180 mA VCC = 5.5 V, Outputs high 2 2 2 ICC A or B ports VCC = 5.5 V, IO = 0, Outputs low 32 32 32 mA VI = VCC or GND Outputs disabled 2 2 2 ¶ Data inp ts VCC = 5.5 V, One input at 3.4 V, Outputs enabled 1 1.5 1 ∆ICC¶ Data inputs , Other inputs at VCC or GND Outputs disabled 0.05 0.05 0.05 mA Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 Ci Control inputs VI = 2.5 V or 0.5 V 3 pF Cio A or B ports VO = 2.5 V or 0.5 V 8 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ The parameters IOZH and IOZL include the input leakage current. § Not more than one output should be tested at a time, and the duration of the test should not exceed one second. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. |
Similar Part No. - SN54ABT16640_08 |
|
Similar Description - SN54ABT16640_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |