Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40Z300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M40Z300
Description  NVRAM CONTROLLER for up to EIGHT LPSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300 Datasheet(HTML) 1 Page - STMicroelectronics

  M40Z300 Datasheet HTML 1Page - STMicroelectronics M40Z300 Datasheet HTML 2Page - STMicroelectronics M40Z300 Datasheet HTML 3Page - STMicroelectronics M40Z300 Datasheet HTML 4Page - STMicroelectronics M40Z300 Datasheet HTML 5Page - STMicroelectronics M40Z300 Datasheet HTML 6Page - STMicroelectronics M40Z300 Datasheet HTML 7Page - STMicroelectronics M40Z300 Datasheet HTML 8Page - STMicroelectronics M40Z300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
March 2000
M40Z300
M40Z300W
NVRAM CONTROLLER for up to EIGHT LPSRAM
s
CONVERT LOW POWER SRAMs into
NVRAMs
s
PRECISION POWER MONITORING and
POWER SWITCHING CIRCUITRY
s
AUTOMATIC WRITE-PROTECTION when VCC
is OUT-OF-TOLERANCE
s
TWO INPUT DECODER ALLOWS CONTROL
for up to 8 SRAMs (with 2 devices active in
parallel)
s
CHOICE of SUPPLY VOLTAGES and
POWER-FAIL DESELECT VOLTAGES:
– M40Z300:
VCC = 4.5V to 5.5V
THS = VSS 4.5V ≤ VPFD ≤ 4.75V
THS = VOUT 4.2V ≤ VPFD ≤ 4.5V
– M40Z300W:
VCC = 3.0V to 3.6V
THS = VSS 2.8V ≤ VPFD ≤ 3.0V
VCC = 2.7V to 3.3V
THS = VOUT 2.5 ≤ VPFD ≤ 2.7V
s
RESET OUTPUT (RST) for POWER ON
RESET
s
LESS THAN 12ns CHIP ENABLE ACCESS
PROPAGATION DELAY (for 5.0V device)
s
PACKAGING INCLUDES a 28-LEAD SOIC
and SNAPHAT® TOP, or a 16-LEAD SOIC
(to be Ordered Separately)
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP which
CONTAINS the BATTERY
s
BATTERY LOW PIN (BL)
DESCRIPTION
The M40Z300/W NVRAM Controller is a self-con-
tained device which converts a standard low-pow-
er SRAM into a non-volatile memory. A precision
voltage reference and comparator monitors the
VCC input for an out-of-tolerance condition.
Figure 1. Logic Diagram
AI02242
THS
VCC
M40Z300
M40Z300W
BL
VSS
E
VOUT
B
A
E1CON
E2CON
E3CON
E4CON
RST
B+(1)
B–(1)
NOTE: 1. For 16-pin SOIC package only.
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery
16
1
SO16 (MQ)


Similar Part No. - M40Z300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300AVMH1E STMICROELECTRONICS-M40Z300AVMH1E Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
More results

Similar Description - M40Z300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
logo
Gennum Corporation
3374N GENNUM-3374N Datasheet
171Kb / 9P
   Protects up to eight lines
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com