Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F010B90N1E Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29F010B90N1E
Description  1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F010B90N1E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29F010B90N1E Datasheet HTML 7Page - STMicroelectronics M29F010B90N1E Datasheet HTML 8Page - STMicroelectronics M29F010B90N1E Datasheet HTML 9Page - STMicroelectronics M29F010B90N1E Datasheet HTML 10Page - STMicroelectronics M29F010B90N1E Datasheet HTML 11Page - STMicroelectronics M29F010B90N1E Datasheet HTML 12Page - STMicroelectronics M29F010B90N1E Datasheet HTML 13Page - STMicroelectronics M29F010B90N1E Datasheet HTML 14Page - STMicroelectronics M29F010B90N1E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
M29F010B
Figure 6. AC Testing Input Output Waveform
AI01275B
3V
High Speed
0V
1.5V
2.4V
Standard
0.45V
2.0V
0.8V
Figure 7. AC Testing Load Circuit
AI03027
1.3V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Table 9. Capacitance
(TA = 25 °C, f = 1 MHz)
Note: Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Table 8. AC Measurement Conditions
Parameter
M29F010B
45
70 / 90 / 120
AC Test Conditions
High Speed
Standard
Load Capacitance (CL)
30pF
100pF
Input Rise and Fall Times
≤10ns
≤10ns
Input Pulse Voltages
0 to 3V
0.45 to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V


Similar Part No. - M29F010B90N1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55M1T STMICROELECTRONICS-M29F016B55M1T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55M3T STMICROELECTRONICS-M29F016B55M3T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55M6T STMICROELECTRONICS-M29F016B55M6T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55N1T STMICROELECTRONICS-M29F016B55N1T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
More results

Similar Description - M29F010B90N1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W010B STMICROELECTRONICS-M29W010B Datasheet
406Kb / 19P
   1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com