Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1VF288 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS470R1VF288
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VF288 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS470R1VF288 Datasheet HTML 6Page - Texas Instruments TMS470R1VF288 Datasheet HTML 7Page - Texas Instruments TMS470R1VF288 Datasheet HTML 8Page - Texas Instruments TMS470R1VF288 Datasheet HTML 9Page - Texas Instruments TMS470R1VF288 Datasheet HTML 10Page - Texas Instruments TMS470R1VF288 Datasheet HTML 11Page - Texas Instruments TMS470R1VF288 Datasheet HTML 12Page - Texas Instruments TMS470R1VF288 Datasheet HTML 13Page - Texas Instruments TMS470R1VF288 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TMS470R1VF288
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS095E – JULY 2004 – REVISED DECEMBER 2005
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions
1 PWR = power, GND = ground, REF = reference voltage, NC = no connect
2 All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
3 IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
INPUT
VOLT-
AGE(1)(2)
OUTPUT
CUR-
RENT(1)(2)
INTERNAL
PULLUP/
PULL-
DOWN(3)
DESCRIPTION
NAME
PZ
PGE
HIGH-END TIMER (HET)
HET[0]
51
73
3.3-V
2mA -z
Timer input capture or output compare. The HET[8:0,18,20,22]
applicable pins can be programmed as general-purpose input/
output (GIO) pins. All are high-resolution pins.
The high-resolution (HR) SHARE feature allows even HR pins to
share the next higher odd HR pin structures. This HR sharing is
independent of whether or not the odd pin is available externally.
If an odd pin is available externally and shared, then the odd pin
can only be used as a general-purpose I/O. For more information
on HR SHARE, see the TMS470R1x High-End Timer (HET)
Reference Guide (literature number SPNU199).
HET[1]
50
72
HET[2]
49
71
HET[3]
46
66
HET[4]
45
65
HET[5]
44
63
HET[6]
6
9
HET[7]
7
11
HET[8]
8
12
HET[18]
9
15
HET[20]
12
18
HET[22]
13
19
STANDARD CAN CONTROLLER (SCC)
CAN1SRX
58
83
5V tolerant
4mA
SCC1 receive pin or GIO pin
CAN1STX
59
84
3.3-V
2mA -z
SCC1 transmit pin or GIO pin
CAN2SRX
37
54
5V tolerant
4mA
SCC2 receive pin or GIO pin
CAN2STX
38
55
3.3-V
2mA -z
SCC 2 transmit pin or GIO pin
CLASS II SERIAL INTERFACE (C2SIB)
C2SIbLPN
14
21
3.3-V
2mA -z
C2SIb module loopback enable pin or GIO pin
C2SIbRX
15
22
5V tolerant
4mA
C2SIb module receive data input pin or GIO pin
C2SIbTX
16
24
3.3-V
2mA -z
C2SIb module transmit data output pin or GIO pin
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT[0]
99
141
5V tolerant
4mA
General-purpose input/output pins. GIOA[7:0]/INT[7:0] are
interrupt-capable pins.
GIOA[1]/INT[1]/ECLK pin is multiplexed with the external clock-
out function of the external clock prescale (ECP) module.
GIOA[1]/INT[1]/
ECLK
96
136
GIOA[2]/INT[2]
95
134
GIOA[3]/INT[3]
94
133
GIOA[4]/INT[4]
89
127
GIOA[5]/INT[5]
67
98
GIOA[6]/INT[6]
55
78
GIOA[7]/INT[7]
56
79
GIOB[0]/
EBDMAREQ[0]
30
43
3.3-V
2mA -z
IPD (20
μA)
GIOB[0], GIOC[4:0], GIOD[5:0], GIOE[7:0:], GIOF[7:0],
GIOG[7:0], AND GIOH[5:0] are multiplexed with the expansion
bus module.
See Table 6.
GIOC[0]/EBOE
135
GIOC[1]/EBWR[0]
128
GIOC[2]/EBWR[1]
126
GIOC[3]/EBCS[5]
120
GIOC[4]/EBCS[6]–
119


Similar Part No. - TMS470R1VF288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF334A TI1-TMS470R1VF334A Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNA TI1-TMS470R1VF334EPNA Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNQ TI1-TMS470R1VF334EPNQ Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF334EPNT TI1-TMS470R1VF334EPNT Datasheet
855Kb / 54P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
More results

Similar Description - TMS470R1VF288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com