Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G126YZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G126YZPR
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G126YZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G126YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 9Page - Texas Instruments SN74LVC2G126YZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74LVC2G126DCTRE4
ACTIVE
SM8
DCT
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74LVC2G126DCURE4
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74LVC2G126DCURG4
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74LVC2G126DCUTE4
ACTIVE
US8
DCU
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74LVC2G126DCUTG4
ACTIVE
US8
DCU
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G126DCTR
ACTIVE
SM8
DCT
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G126DCUR
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G126DCUT
ACTIVE
US8
DCU
8
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC2G126YZPR
ACTIVE
WCSP
YZP
8
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2007
Addendum-Page 1


Similar Part No. - SN74LVC2G126YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G126YZPR TI-SN74LVC2G126YZPR Datasheet
334Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126YZPR TI-SN74LVC2G126YZPR Datasheet
824Kb / 15P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC2G126YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com