Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHP-A07-UB01-P01 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EHP-A07-UB01-P01
Description  High Power LED - 1W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A07-UB01-P01 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EHP-A07-UB01-P01 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A07-UB01-P01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2.0
Page: 4 of 11
Device No. : DSE-7N1-003
Prepared date: Sep 10, 2006
Prepared by: Peggy Chen
EHP-A07/UB01-P01
Typical Electro-Optical Characteristics Curves
Relative Spectral Distribution,
IF=350mA, T Ambient=25ºC
Forward Voltage vs Forward Current,
T Ambient=25ºC
400
500
600
700
800
0
20
40
60
80
100
0
100
200
300
400
500
2.8
3.0
3.2
3.4
3.6
3.8
Forward Current (mA)
Relative Luminous Intensity vs Forward
Current,
T Ambient=25ºC
020
40
60
80
100
100
150
200
250
300
350
400
Deratin
Ambient Temperature
(οC)
Forward Current Derating Curve,
g based on TJMAX=125°C
Wavelength (nm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
100
200
300
400
500
Forward Current (mA)


Similar Part No. - EHP-A07-UB01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A07-UT01-P01 EVERLIGHT-EHP-A07-UT01-P01 Datasheet
288Kb / 11P
   High Power LED - 1W
More results

Similar Description - EHP-A07-UB01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com