Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHP-A09-UT31-PU5-TR Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EHP-A09-UT31-PU5-TR
Description  High Power LED - 0.5W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A09-UT31-PU5-TR Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EHP-A09-UT31-PU5-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EHP-A09/UT31-PU5/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. Preliminary
Page: 3/11
Device No. :
Prepared date: Aug 02, 2007
Prepared by: Anita Chen
Maximum Ratings (T Ambient=25ºC)
Parameter
Symbol
Rating
Unit
DC Operating Current
IF
150
mA
Pulsed Forward Current
IF
300
mA
ESD Sensitivity
ESD
2000
V
Junction Temperature
Tj
125
°C
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Power Dissipation
Pd
1
W
Junction To Heat-Sink Thermal Resistance
Rth
80
K/W
Electro-Optical Characteristics (TAmbient=25ºC)
Parameter
Bin
Symbol
Min
Typ.
Max
Unit
Condition
C1
2800
----
3550
C2
3550
----
4500
D1
4500
----
5600
D2
5600
----
7100
Luminous Intensity(1)
E1
Iv
7100
----
9000
mcd
V1
2.95
----
3.25
Forward Voltage(2)
V2
VF
3.25
----
3.55
V
Color Temperature
----
CCT
4600
5600
15000
K
Viewing Angle(3)
----
1/2
----
120
----
deg
IF=150mA
Note. 1. Luminous Intensity measurement tolerance: ±10%
2. Forward Voltage measurement tolerance: ±0.1V
3.
1/2 is the off axis angle from lamp centerline where the luminous intensity is 1/2 of the peak value.


Similar Part No. - EHP-A09-UT31-PU5-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09-USO31-PU5-TR EVERLIGHT-EHP-A09-USO31-PU5-TR Datasheet
169Kb / 10P
   High Power LED - 0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
More results

Similar Description - EHP-A09-UT31-PU5-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
logo
List of Unclassifed Man...
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
   0.5W High Power LED
logo
Everlight Electronics C...
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com